PART |
Description |
Maker |
AAT1217ICA-5.0-T1 AAT1217ICA-3.3-T1 AAT1217ICA-1.2 |
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
|
Advanced Analogic Technologies, Inc.
|
LT1638HS8 LT1639HS LT1638CDD LT1638IDD LT1638IMS8 |
1.2MHz, 0.4V/us Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 1.2MHz, 0.4V/μs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/渭s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps 1.2MHz, 0.4V/レs Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
|
LINEAR TECHNOLOGY CORP
|
MIC2811-4GMSYML MIC2821-4GMSYML MIC2821-4GJLYML MI |
Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
|
Micrel Semiconductor
|
MIC2810-4GPYML MIC2810-4GSYML MIC2810-4GKYML MIC28 |
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
|
Micrel Semiconductor
|
LTC3429 3429F |
From old datasheet system 600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
|
Linear Technology
|
BA7078AF1 BA7078AS BA7078AF BA7078AF-E2 |
Silicon Monolithic Integrated Circuit Sync.Seperator/Sync. Detector IC for Multi-Sync. Monitor
|
ROHM[Rohm]
|
AM29LV040B AM29LV040BB-120EC AM29LV040BB-120ECB AM |
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory 4兆位12亩8位).0伏的CMOS只,均匀部门32引脚闪存 LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5; Package: SOT-23; No of Pins: 5; Qty per Container: 3000; Container: Reel 4兆位12亩8位).0伏的CMOS只,均匀部门32引脚闪存 LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 4兆位512亩8位).0伏的CMOS只,均匀部门32引脚闪存 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only/ Uniform Sector 32-Pin Flash Memory LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications; Package: LLP; No of Pins: 10; Qty per Container: 1000; Container: Reel LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits; Package: SOT-23; No of Pins: 5; Qty per Container: 3000; Container: Reel LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel LM3671 2MHz, 600mA Step-Down DC-DC Converter; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
RT8008-25PJ5 |
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter 1.5MHz的,600mA,高效率的PWM降压型DC / DC转换
|
Richtek Technology, Corp.
|
MIC260509 MIC2606 |
0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
|
Micrel Semiconductor
|
LT1930 LT1930A |
1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
|
Linear Technology
|
EDI2AG272129V9D1 EDI2AG272129V10D1 EDI2AG272129V12 |
2x128Kx72, 3.3V,9ns, Sync/Sync Burst SRAM Module(2x128Kx72, 3.3Vns,同步/同步脉冲静态RAM模块) 2x128Kx72, 3.3V,10ns, Sync/Sync Burst SRAM Module(2x128Kx72, 3.3V0ns,同步/同步脉冲静态RAM模块) 2x128Kx72, 3.3V,12ns, Sync/Sync Burst SRAM Module(2x128Kx72, 3.3V2ns,同步/同步脉冲静态RAM模块) 2x128Kx72,, 3.3V,8.5ns, Sync/Sync Burst SRAM Module(2x128Kx72, 3.3V.5ns,同步/同步脉冲静态RAM模块)
|
White Electronic Designs Corporation
|