PART |
Description |
Maker |
92193 |
68P EJECTOR HEADER ASSY FOR TYPE I/II/III (FOR 5.OV)
|
FCI connector
|
92140-010 92140-010H 92140-010HLF 92140-010LF 9214 |
68 POS EJECTOR HEADER ASSY FOR 5.0V APPLICATION
|
FCI connector
|
SHF-110-01-L-D-RA ESHF-125-01-L-D-SM-LC ESHF-105-0 |
SHROUDED & EJECTOR IDC HEADER
|
Samtec, Inc
|
S2A-PW-68-1-HK |
PITCH D-SUB 68P MALE CONNECTOR
|
Adam Technologies, Inc.
|
112MT120KB 112MT120KBS90 112MT100KB 112MT140KB 112 |
THREE PHASE CONTROLLED BRIDGE THREE PHASE CONTROLLED BRIDGE 三相控桥 CONN RING UNINSUL 12-10 AWG #10 HEADER, STRAIGHT, L/LATCH, 50WAY; Connector type:Wire-to-Board; Gender:Pin; Ways, No. of:50; Pitch, lead:2.54mm; Termination method:Solder; Material, contact:Phosphor Bronze (C510); Plating, contact:0.76u Gold over 2.54u Nickel; RoHS Compliant: Yes CONN L/FORK UNINSUL 12-10 AWG #1 Ejector Latch; For Use With:3M Shrouded Latch / Ejector PCB Headers With Strain Relief RoHS Compliant: Yes Ejector Latch; For Use With:3M Shrouded Latch / Ejector PCB Headers Without Strain Relief RoHS Compliant: Yes 800V 3 Phase Bridge in a INT-A-Pak package 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
1-102160-2 |
HEADER ASSY, UNIVERSAL, AMP-LATCH
|
Tyco Electronics
|
1-102161-2 |
HEADER ASSY, UNIVERSAL, AMP-LATCH
|
Tyco Electronics
|
39-29-1127 39-29-1128 39-29-1147 39-29-1167 39-29- |
NEW MINI FIT CONN R/A HEADER ASSY WITH FLANGE
|
Molex Electronics Ltd.
|
104344-2 104344-1 104344-3 |
HEADER ASSY, MDO II, BREAKAWAY, SINGEL LOW
|
Tyco Electronics
|
5103308-3 5103308-6 5103308-2 5103308-1 5103308-7 |
HEADER ASSY, VERTICAL, LOW PROFILE, AMP-LATCH
|
Tyco Electronics
|
5103309-1 5103309-2 5103309-3 5103309-5 5103309-6 |
HEADER ASSY, VERTICAL, LOW PROFILE, AMP-LATCH
|
Tyco Electronics
|
207158-1 207158-2 207158-3 207158-4 |
PIN HEADER ASSEMBLY, 6 POSITION, METRIMATE 5mm ( .197" ) Centerline, 600 V, 14 A max. ( Metrimate ); METRIMATE PIN HEADER ASSY,6P ( AMP )
|
Tyco Electronics
|