PART |
Description |
Maker |
VR42050 |
POSITIVE VOLTAGE REGULATORS CONVERTER, DC/DC, 1O/P, 15W, 12V; Power rating:15W; DC/DC Converter O/P type:Single; Voltage, input max:75V dc; Voltage, input min:18V dc; Voltage
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
MC13110AFB MC13110AFTA MC13110BFB MC13110BFTA MC13 |
CONVERTER, DC/DC, 1O/P, 5W, 3.3V; Power rating:5W; DC/DC Converter O/P type:Single; Voltage, input max:36V; Voltage, input min:9V; Voltage, output UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
|
Motorola, Inc.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
TC1321 TC1321EUA TC1321EOA TC1321EOATR TC1321EUATR |
The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1321 is a serially accessible 10-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply tha 10-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
OET020YEHH OET020YEHH-A OET020YEJJ-A OET020ZEHH-A |
25 Watt, input voltage range:18-36V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-15V (3.5-0.28A) DC/DC converter 25 Watt, input voltage range:34-75V, output voltage 3.3-12V (3.5-0.35A) DC/DC converter TRIPLE OUTPUT 25 WATT T1/E1 Transformer Analog IC TRIPLE OUTPUT, 25 WATT 三路输出25瓦特
|
POWER-ONE[Power-One] EPCOS AG
|
TC96205 TC962MJA TC1047_06 TC962COE TC962CPA TC962 |
Precision Temperature-to-Voltage Converter High Current Charge Pump DC-to-DC Converter
|
MICROCHIP[Microchip Technology]
|
A7407 A7407E6R A7407E6VR |
DC-DC CONVERTER/ BUCK INPUT STANDOFF VOLTAGE STEP-DOWN CONVERTER
|
AIT Components Ltd.
|
BP5037 |
AC-to-DC Voltage Converter AC/DC Converter Unit(AC/DC转换器单
|
Rohm CO.,LTD.
|
IP34063 IP33063 IP35063 IP3B3063 IP35063J IP34063N |
Voltage-Mode SMPS Controller DC-DC CONVERTER CONTROL CIRCUIT DC to DC converter SWITCHING CONTROLLER, CDIP8
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. SEMELAB LTD
|
HCD404082 HCD404084 HD404388 HD404384 HD404389 HD4 |
Low-Voltage AS Microcomputers with On-Chip A/D Converter(带片A/D转换器的低压微计算机) 低电压如同在微机芯片A / D转换器(带片上的A / D转换器的低压微计算机 Low-Voltage AS Microcomputers with On-Chip A/D Converter(带片上A/D转换器的低压微计算机) 低电压如同在微机芯片的A / D转换器(带片上的A / D转换器的低压微计算机 Low-Voltage AS Microcomputers with On-Chip A/D Converter(甯??涓?/D杞???ㄧ?浣??寰??绠??)
|
Hitachi,Ltd.
|
TSL253 TSL254 |
PRECISION HIGHSPEED LIGHTTOVOLTAGE CONVERTER PRECISION HIGHSPEED LIGHTTOVOLTAGE CONVERTER
|
TAOS List of Unclassifed Manufacturers ETC
|