PART |
Description |
Maker |
SP1486E SP1486EEN-L SP1486EEN-L_TR SP1486EEN-L/TR |
5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, 隆戮15kV ESD-Protected 5V, 20Mbps PROFIBUS RS485/RS422 Transceivers Advanced Failsafe, 1/8th Unit Load, ±15kV ESD-Protected
|
Exar Corporation
|
IL3222TR13 IL3285 IL3285E IL3285ETR13 IL3285TR13 I |
Fractional Load RS485 and RS422 Transceivers
|
http:// List of Unclassifed Manufacturers ETC[ETC]
|
LTM288112 LTC1535 LTC2863 LTC2862 LTC2871 LT1785 L |
Complete Isolated RS485/RS422 μModule
|
Linear Technology
|
APP-SR1-PCU-C 1120205017 |
applicom PCU1000, 1 Serial RS485/RS422 port, PCI 3.3V/5V bus (PCI-X compatible), RoHS compliant applicom PCU1000, 1 Serial RS485/RS422 port, PCI 3.3V/5V bus (PCI-X compatible), RoHS compliant
|
Molex Electronics Ltd.
|
LT1791HSPBF LT1785HS8PBF LT1785ACS8TR |
60V Fault Protected RS485/RS422 Transceivers; Package: SO; No of Pins: 14; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO14 60V Fault Protected RS485/RS422 Transceivers; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C LINE TRANSCEIVER, PDSO8 60V Fault Protected RS485/RS422 Transceivers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTM2881-15 |
Complete Isolated RS485/RS422 Module Transceiver Power
|
Linear Technology
|
LTM2881CV-5PBF LTM2881CV-3PBF LTM2881IY-5PBF LTM28 |
Complete Isolated RS485/RS422 µModule Transceiver Power, 32-Pin (15mm × 11.25mm × 2.8mm) LGA , Temperature Range: Commercial 0°C to 70°C LINE TRANSCEIVER, PBGA32 Complete Isolated RS485/RS422 µModule Transceiver Power, 32-Pin (15mm × 11.25mm × 3.42mm) BGA , Temperature Range: Industrial –40°C to 85°C LINE TRANSCEIVER, PBGA32
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
SP319CF SP319 |
20Mbps / 5V-Only V.35 Interface with RS-232 V.28 Control Lines 20Mbps, 5V-Only V.35 Interface with RS-232 V.28 Control Lines
|
SIPEX[Sipex Corporation]
|
5962-9223404MRX 5962-9223408MRX 5962-9223402MSX |
5V, Fail-Safe, 20Mbps, Profibus RS-485/RS-422 Transceivers 身份比较
|
Xilinx, Inc.
|
EX112-200-1 |
RS422 compatible 26LS31 line driver
|
List of Unclassifed Manufacturers
|
ST485ERC ST485ERB ST485ERCDR |
LOW POWER RS-485/RS422 TRANSCEIVER LOW POWER RS-485/RS422 TRANSCEIVER
|
ST Microelectronics STMicroelectronics
|