PART |
Description |
Maker |
MAX494 MAX494CPD MAX494CSD MAX494EPD MAX494ESD MAX |
High-Output RS-485 Transceiver 8-SOIC -40 to 85 Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps Single/Dual/Quad / Micropower / Single-Supply Rail-to-Rail Op Amps Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
MAX4040 MAX4040ESA MAX4040EUA MAX4040EUK-T MAX4041 |
Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP OP-AMP, 3500 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps OP-AMP, 5000 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DUAL OP-AMP, 5000 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 IC-SM RAIL/RAIL I/O OP AMP 集成电路钐轨/轨I / O运放 Single/Dual/Quad / Low-Cost / SOT23 / Micropower Rail-to-Rail I/O Op Amps Single/Dual/Quad, Low-Cost, SOT23,Micropower Rail-to-Rail I/O Op Amps "?Dual, Low-Cost, Micropower Rail-to-Rail I/O Op Amp" "Single, Low-Cost, Micropower, Rail-to-Rail I/O Op Amp with Shutdown" "?Dual, Low-Cost, Micropower, Rail-to-Rail I/O Op Amp with Shutdown"
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LT1078M LT1078MJ8 LT1078MH LT1078AC LT1078ACH LT10 |
Micropower, Dual and Quad, Single Supply, Precision Op Amps DUAL OP-AMP, 600 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, CDIP8 Synchronous 4-Bit Binary Counters 16-SO 0 to 70 DUAL OP-AMP, 600 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, MBCY8 Micropower/ Dual and Quad/ Single Supply/ Precision Op Amps
|
Linear Technology Corporation Linear Technology, Corp.
|
MAX9021 MAX9021AUK-T MAX9021AXK-T MAX9022AKA-T MAX |
Micropower Ultra-Small Single/Dual/Quad Single-Supply Comparators "Micropower, Ultra-Small, Quad, Single- Supply Comparator" Micropower, Ultra-Small, Single/Dual/Quad, Single-Supply Comparators Micropower / Ultra-Small / Single/Dual/Quad / Single-Supply Comparators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LT1078IS8PBF LT1078ISWTRPBF LT1079ISWTRPBF LT1079I |
Micropower, Dual, Single Supply, Precision Op Amps Micropower, Dual and Quad, Single Supply, Precision Op Amps
|
Linear Technology
|
ISL2815608 ISL28256FBZ ISL28256FBZ-T7 ISL28256FUZ |
39μA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps 39楼矛A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps 39レA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
Intersil Corporation
|
ISL28113FHZ-T7 ISL28113FEZ-T7 ISL28113FEZ-T7A ISL2 |
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
|
http:// Intersil Corporation
|
ISL28413TSSOPEVAL1Z ISL28213MSOPEVAL2Z ISL2811310 |
Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
|
http:// Intersil Corporation
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
LT10781 LT1079ACN |
Micropower, Dual and Quad, Single Supply, Precision Op Amps Micropower, Dual and Quad, Single Supply, Precision Op Amps
|
Linear Technology
|
ISL281660808 ISL28266FUZ-T7 |
39渭A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps 39楼矛A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
|
Intersil Corporation
|
K4S64323LH-HN75 K4S64323LH K4S64323LH-FC1H K4S6432 |
2M X 32 SYNCHRONOUS DRAM, 7 ns, PBGA90 Dual Rail-To-Rail Micropower Operational Amplifier 8-PDIP 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM Dual Rail-To-Rail Micropower Operational Amplifier 8-SOIC 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM Dual Rail-To-Rail Micropower Operational Amplifier 8-TSSOP 0 to 70 12k × 32Bit的4银行0FBGA移动SDRAM 512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA 12k × 32Bit的4银行0FBGA移动SDRAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|