PART |
Description |
Maker |
ADM3232EARUZ-REEL7 ADM3232EARNZ-REEL7 ANALOGDEVICE |
Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Single Supply RS232C Line Driver/Receiver(氓??莽?碌忙潞?RS232C 莽潞驴忙?露氓??氓?篓茂录?2氓??2忙?露茂录?)
|
Analog Devices, Inc. ANALOG DEVICES INC
|
HA12187FP |
Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 单电源RS232C接口线路驱动接收器(单电源RS232C接口线收发器收)
|
Panduit, Corp.
|
MC10H332FNR2G MC10H332FNG |
Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 10H SERIES, DUAL 1-BIT TRANSCEIVER, TRUE OUTPUT, PQCC20
|
ON Semiconductor
|
AM79M576A-1 AM79M576A AM79M576A-2 AM79M576A-2JC AM |
Motor Driver IC; Supply Voltage Max:13.2V; Output Current Max:0.5A; Package/Case:8-SOIC; Driver Type:Motor; Leaded Process Compatible:Yes; Output Current:1.5A; Peak Reflow Compatible (260 C):Yes; Supply Voltage Min:3.8V 计量用户线接口电 Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Metering Subscriber Line Interface Circuit
|
Advanced Micro Devices, Inc.
|
NJU6401 NJU6401B NJU6401BD NJU6401BM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS232C LINE DRIVER/RECEIVER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
2SC1722 |
LOW FREQUENCY HIGH VOLTAHE POWER AMPLIFIER TV POWER SUPPLY DRIVER LOW FREQUENCY POWER AMPLIFIER TV HORIZONTAL/VERTICAL DRIV
|
List of Unclassifed Manufacturers ETC[ETC]
|
PWR1103 PWR1104 PWR1113 PWR1101 PWR1141 PWR1105 PW |
1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER 1-OUTPUT 1.5 W DC-DC UNREG PWR SUPPLY MODULE RECTIFIER STANDARD SINGLE 3A 50V 50 200A-ifsm 10uA-ir 1V-vf DO-201AD 1.2K/REEL-13 1-OUTPUT 1.5 W DC-DC UNREG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|
IDT723643 IDT723633 IDT723623 IDT723623L15 IDT7236 |
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-SOIC 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP 0 to 70 High-Slew-Rate, Single-Supply Operational Amplifier 8-PDIP -40 to 105 Quad, High Slew Rate, Single-Supply, Op Amp 14-SOIC 0 to 70 CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-PDIP 0 to 70 的CMOS总线匹配SyncFIFOTM 256 × 3612 × 36024 × 36
|
济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd.
|
MC33071 MC33074 MC34072 MC34074 MC33072 MC3407A MC |
Single Supply 3.0 V to 44 V Operational Amplifiers Single Supply 3V to 44V, Single Operational Amplifier Single Supply 3V to 44V, Quad Op Amp Single Supply 3V to 44V, Low Input Offset Voltage, Dual Op Amp Single Supply 3V to 44V, Single Op Amp Single Supply 3V to 44V, Low Input Offset Voltage, Single Op Amp Single Supply 3V to 44V, Low Input Offset Voltage, Quad Op Amp
|
ONSEMI[ON Semiconductor]
|
EL2150 EL2150CS-T13 EL2150CS-T7 EL2150CW-T7 EL2150 |
Op Amp, Video, 125MHz, SR=275V/s, Low Power, Low Voltage, Single Supply, Clamping, 100mA Output, with High Speed Disable and Power-Down 125MHz Single Supply/ Clamping Op Amps 125MHz Single Supply, Clamping Op Amps 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 125MHz Single Supply, Clamping Op Amps 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|