PART |
Description |
Maker |
KI5902DC |
Drain-Source Voltage Vds 30V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
ST7MDT2 ST7MDT2-110 ST7MDT2-220 ST7MDT2-DVP ST7MDT |
A Low-Cost Development Package Including A Full Real-Time Emulation Board(低价格开发软件包) MDT2-DVP LOW COST ST7 DEVELOPMENT KIT DATASHEET MOSFET; Transistor Polarity:Dual N/P Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:51A; On-Resistance, Rds(on):0.36ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:6-TSOP; Drain-Source Breakdown Voltage:30V From old datasheet system MDT2-DVP LOW COST ST7 DEVELOPMENT KIT DATASHEET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
KI5903DC |
Drain-Source Voltage Vds -20V Gate-Source Voltage Vgs -12V
|
TY Semiconductor Co., Ltd
|
KI4980DY |
Drain-Source Voltage Vds 80V Gate-Source Voltage Vgs -20V
|
TY Semiconductor Co., Ltd
|
FTD2011 |
Drain-Source Voltage VDS 20 V Gate-Source Voltage VGS -10 V
|
TY Semiconductor Co., Ltd
|
SI9926BDY |
Drain-Source Voltage VDS V Gate-Source Voltage VGS -10 V
|
TY Semiconductor Co., Ltd
|
KI1304BDL |
TrenchFET Power MOSFET 100 Rg Tested Drain-source voltage VDS 30 V
|
TY Semiconductor Co., Ltd
|
AMS431 AMS431A AMS431AL AMS431AM AMS431AN AMS431AS |
PRECISION ADJUSTABLE SHUNT REGULATOR 精密可调并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:15A; On-Resistance, Rds(on):0.09ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No 精密可调并联稳压 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-60V; Continuous Drain Current, Id:10A; On-Resistance, Rds(on):0.28ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:TO-252; Leaded Process Compatible:No 精密可调并联稳压
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
AP131 AP131-50Y AP131-15W AP131-15Y AP131-16W AP13 |
1.5A Fast Ultra Low Dropout Linear Regulators 1.5A的快速超低压差线性稳压器 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:75A; On-Resistance, Rds(on):8mohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:TO-220; Leaded Process Compatible:No 300mA低压差线性稳压器,带有关 MOSFET, N D-PAK;; Transistor type:MOSFET; Transistor polarity:N Channel; Voltage, Vds max:30V; Case style:TO-252 (D-Pak); Current, Id cont:63A; Current, Idm pulse:50A; Power, Pd:65.2W; Resistance, Rds on:0.0095R; LED Lamp; Color:Blue; Luminous Intensity (MSCP):210ucd; Voltage Rating:3.9V; LED Color:Blue; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Terminal Type:Radial Leaded LED Lamp; Color:Blue; Luminous Intensity (MSCP):15ucd; Voltage Rating:3.9V; LED Color:Blue; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Terminal Type:Radial Leaded LED Lamp; Color:Blue; Luminous Intensity (MSCP):50ucd; Voltage Rating:3.9V; LED Color:Blue; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Terminal Type:Radial Leaded MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:85A; On-Resistance, Rds(on):3mohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:TO-220AB; Leaded Process Compatible:Yes MOSFET, P TO-220MOSFET, P TO-220; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:30V; Case style:TO-220AB; Current, Id cont:70A; Current, Idm pulse:240A; Power, Pd:187W; Resistance, Rds on:0.007R; Pin SENSOR, OPTICAL, PHOTOTRANSISTOR O/P; RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:85A; On-Resistance, Rds(on):0.003ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:TO-220; Leaded Process Compatible:No Optical Sensor (Switch) Reflective; Optocoupler Output Type:Transistor; Leaded Process Compatible:Yes; Voltage Rating:32V MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:70A; On-Resistance, Rds(on):14mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-220; Leaded Process Compatible:No LED Lamp; Color:Yellow; Luminous Intensity (MSCP):2.5; Viewing Angle:60; Forward Current:7mA; Forward Voltage:2.2V; LED Color:Yellow; Leaded Process Compatible:Yes; Lens Style:(L x W x D) 3 x 2.8 x 1.65 mm; Lens Width:3mm MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:150V; Continuous Drain Current, Id:85A; On-Resistance, Rds(on):21mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-220; Leaded Process Compatible:No Optical Sensor (Switch) Transmissive / Slotted Interrupter; Optocoupler Output Type:Transistor; Leaded Process Compatible:Yes; Voltage Rating:70V Optical Sensor (Switch) Reflective; Optocoupler Output Type:Transistor; Leaded Process Compatible:Yes; Voltage Rating:70V LED Lamp; Color:Yellow; Luminous Intensity (MSCP):50; Viewing Angle:60; Voltage Rating:2V; Forward Current:30mA; Forward Voltage:2V; LED Color:Yellow; Leaded Process Compatible:Yes; Mounting Type:Surface Mount MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:75A; On-Resistance, Rds(on):8mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-220; Leaded Process Compatible:No LED Lamp; Color:Green; Luminous Intensity (MSCP):1.6; Viewing Angle:60; Forward Current:7mA; Forward Voltage:1.9V; LED Color:Green; Leaded Process Compatible:Yes; Lens Style:(L x W x D) 3 x 2.8 x 1.65 mm; Lens Width:3 MOSFET, N TO-220AB 300mA Low Dropout Linear Regulator with Shutdown
|
Diodes, Inc. TE Connectivity, Ltd. ANACHIP[Anachip Corp] ETC[ETC]
|
AP1501A AP1501A-12 AP1501A-12K5 AP1501A-12K5A AP15 |
Adj, 150 Khz, 5 A PWM buck DC/DC converter 150Khz, 5A PWM Buck DC/DC Converter IR Emitting Diode; Mounting Type:Through Hole; LED Color:Clear; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Clear; Lens Style:(H x Dia) 8.7 x 5.8 mm; Voltage Rating:5V IR Emitting Diode; LED Color:Infrared; Mounting Type:Through Hole; Terminal Type:3 Pin Leaded; Color:Infrared; Lens Style:(H x Dia) 12.5 x 10.0 mm; Voltage Rating:5.5V Leaded Process Compatible: Yes IR Emitting Diode; Mounting Type:Through Hole; LED Color:Blue Gray; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Blue Gray; Lens Style:(H x W) 8.7 x 5.8 mm; Voltage Rating:5V MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:0.185A; Resistance, Rds on:6R; Voltage, Vgs Rds on measurement:10V; Case style:SOT-23 (TO-236); Current, Id max:0.185A; Current, Idm pulse:.8A; Marking, SMD:6K; Pins, No. RoHS Compliant: Yes MOSFET, P SOT-23MOSFET, P SOT-23; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:20V; Case style:SOT-23; Current, Id cont:0.58A; Current, Idm pulse:2A; Power, Pd:0.35W; Resistance, Rds on:0.65R; SMD:1; Current, Id MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-30V; Continuous Drain Current, Id:-385mA; On-Resistance, Rds(on):1.4ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:TO-236; Drain Source On Resistance @ 10V:1.4ohm IR Emitting Diode; Mounting Type:Through Hole; LED Color:Infrared; Leaded Process Compatible:Yes; Terminal Type:2 Pin Leaded; Color:Infrared; Lens Style:(H x W) 8.7 x 5.8 mm; Voltage Rating:5V TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,270MA I(D),TO-226AA RoHS Compliant: Yes IR EMITTER; Wavelength, typ:950nm; Current, forward If:5mA; Angle, viewing:90(degree); Temperature, operating range:-25(degree C) to (degree C) RoHS Compliant: Yes MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-580mA; On-Resistance, Rds(on):650mohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23
|
ANACHIP[Anachip Corp]
|
HCS04MS FN3046 HCS04D HCS04DMSR HCS04HMSR HCS04K H |
From old datasheet system Radiation Hardened Hex Inverter JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-50V; Zero Gate Voltage Drain Current Min, Idss:0.5mA; Zero Gate Voltage Drain Current Max, Idss:12mA; Gate-Source Cutoff Voltage Max, Vgs(off):-1.5V
|
INTERSIL[Intersil Corporation]
|
|