PART |
Description |
Maker |
SMC33CA SMC33C SMC9.1CA SMC10 SMC10C SMC10CA SMC11 |
Heat Sink; Package/Case:TO-220; Thermal Resistance:32 C/W; Mounting Type:Through Hole; Length:19.05mm; Height:6.35mm; Width:13.21mm; Diameter:3.81mm HEATSINK TO-220 2.5W BLK W/PINS 表面贴装单向和双向瞬态电压抑制器 SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS 表面贴装单向和双向瞬态电压抑制器 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Lite-On Technology Corp... LITEON[Lite-On Technology Corporation] 光宝科技股份有限公司 Lite-On Technology, Corp. LITE-ON SEMICONDUCTOR CORP ???绉???′唤??????
|
1N6148 1N6148A 1N6122 1N6147 1N6153 1N6156 1N6143 |
From old datasheet system HC-B 16-SD-FQ/FS HC-D 15-AP OG BIDIRECTIONAL TRANSIENT SUPPRESSORS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE BIDIRECTIONAL TRANSIENT SUPPRESSORS 500 W, BIDIRECTIONAL, SILICON, TVS DIODE Transient Voltage Suppressor 瞬态电压抑制器 Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 瞬态电压抑制器
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE TVS-瞬态抑制二极管 Semtech, Corp.
|
1SMC6.5CA 1SMC8.0CA 1SMC5.0CA 1SMC6.0CA 1SMC7.0CA |
Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电4V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电8V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,双向玻璃钝化节点瞬变电压抑制 STRAP BATTERY FIBRE BASE 9V 4LD Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,双向玻璃钝化节点瞬变电压抑制 BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp.
|
MSPMPT-8C |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13
|
MICROSEMI CORP-SCOTTSDALE
|
JANTX1N6049A |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
GENERAL SEMICONDUCTOR INC
|
1.5KE150CA-13 |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
DIODES INC
|
1.5KE18A-T 1.5KE91A-T 1.5KE75A-T 1.5KE51CA-T 1.5KE |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
RECTRON LTD
|
3PMT170 3PMT48 3PMT90 3PMT58C MT28 3PMT70 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-SCOTTSDALE
|
1.5KE11A-T3 1.5KE13C-T3 1.5KE200-T3 1.5KE16-T3 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE
|
SENSITRON SEMICONDUCTOR
|
1.5CE100CABK 1.5CE160ATR 1.5CE350CATR 1.5CE300CATR |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
CENTRAL SEMICONDUCTOR CORP
|
1.5KE39CA-G 1.5KE24-GT3 1.5KE9.1-G 1.5KE11-GT3 1.5 |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE
|
SENSITRON SEMICONDUCTOR
|
|