PART |
Description |
Maker |
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT7130SA20PF IDT7130SA25PF IDT7130SA IDT7130SA25C |
Dual Integrated Solenoid Driver; Package: MLP 8x12; No of Pins: 18; Container: Tape & Reel 30V N-Channel PowerTrench SyncFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 Single P-Channel Logic Level PowerTrench MOSFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 Single P-Channel Logic Level PowerTrench MOSFET 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQFP48 Asynchronous Communications Element With Autoflow Control 48-LQFP 0 to 70 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C136-25JXI CY7C136A-55JXI CY7C136A-55NXI CY7C14 |
2K x 8 Dual-Port Static RAM High speed access: 15 ns 2K x 8 Dual-Port Static RAM 2K X 8 DUAL-PORT SRAM, 25 ns, PQFP52 2K x 8 Dual-Port Static RAM 2K X 8 DUAL-PORT SRAM, 25 ns, PQCC52
|
Cypress Semiconductor, Corp.
|
IDT7134LA35CI IDT7134LA55FI |
HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM 4K X 8 DUAL-PORT SRAM, 35 ns, CDIP48
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
IDT7007L55G IDT7007L55GB IDT7007L55GI IDT7007L15J |
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM LCD BACKLIGHT INVERTER DRIVE IC; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel High Side Gate Driver; Package: SOIC; No of Pins: 8; Container: Rail ER 19C 19#12 PIN RECP ER 3C 3#16S PIN RECP THRMO ER 6C 6#16S SKT RECP 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 35 ns, PQFP80 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 高2K的8双端口静态RAM HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQCC68 HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 25 ns, PQFP80
|
Integrated Device Techn... Integrated Device Technology, Inc. http://
|
IDT7016S20JB IDT7016S20PFB IDT7016S15G IDT7016S15P |
Quad Low-Power JFET-Input Operational Amplifier 14-PDIP 0 to 70 16K X 9 DUAL-PORT SRAM, 25 ns, PQCC68 HIGH-SPEED 16K x 9 DUAL-PORT STATIC RAM 16K X 9 DUAL-PORT SRAM, 35 ns, CPGA68 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC -40 to 85 16K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 Low-Noise JFET-Input Decompensated Operational Amplifier 8-SOIC -40 to 85 16K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 Low-Power JFET-Input Quad Operational Amplifier 14-CFP -55 to 125 16K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC 0 to 70 16K X 9 DUAL-PORT SRAM, 20 ns, PQFP80 Low-Noise JFET-Input General-Purpose Operational Amplifier 8-SOIC 0 to 70 16K X 9 DUAL-PORT SRAM, 20 ns, PQCC68
|
Integrated Device Techn... Integrated Device Technology, Inc.
|
CY7C141-55NI CY7C141-55JI |
1K x 8 Dual-Port Static Ram 1K X 8 DUAL-PORT SRAM, 55 ns, PQFP52 1K x 8 Dual-Port Static Ram 1K X 8 DUAL-PORT SRAM, 55 ns, PQCC52
|
Cypress Semiconductor, Corp.
|
CY7C025-25AC CY7C025-25AI CY7C025-25JC CY7C025-25J |
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY 4K X 18 DUAL-PORT SRAM, 55 ns, PQFP100 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY 4K X 16 DUAL-PORT SRAM, 25 ns, PQCC84 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY 4K X 16 DUAL-PORT SRAM, 55 ns, PQFP100 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY 4K X 16 DUAL-PORT SRAM, 55 ns, PQCC84 4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY 4K X 16 DUAL-PORT SRAM, 35 ns, PQCC84 From old datasheet system
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
CY7C145-35JXC CY7C144-15JXCT |
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY 8K X 8 DUAL-PORT SRAM, 15 ns, PQCC68
|
CYPRESS SEMICONDUCTOR CORP
|
CY7B139-25LMB |
4K x8/9 Dual-Port Static RAM with Sem, Int, Busy 4K X 9 DUAL-PORT SRAM, 25 ns, CQCC68
|
Cypress Semiconductor, Corp.
|
|