PART |
Description |
Maker |
117-97-620-41-005 117-97-624-41-005 217-99-764-41- |
Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Temperature Max:80 C; Voltage Nom.:600V RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Multiconductor Cable; Jacket Material:Rubber; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Portable Cordage; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP Teflon; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 2#20 TYPE J THERMOCOUPLE RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾 Shrinkdip sockets Open and closed frame Solder tail Shrinkdip插座,公开和非公开框架焊尾 Paired Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:59ohm; Leaded Process Compatible:Yes; Temperature Max:60 C RoHS Compliant: Yes Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes Belden Microphone Cable, Wire Size: 20 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Tinned Copper, Shielding: Copper Braid, Jacket: Black Rubber Multiconductor Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C RoHS Compliant: Yes Cable; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Multiconductor Power-Limited Fire Protective, Control & Instrumentation Cable; Number of Conductors:4; Conductor Size AWG:12; No. Strands x Strand Size:7 x 20; Jacket Material:FEP RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes Multiconductor Audio, Control & Instrumentation Cable; Number of Conductors:6; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Cable; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Conductor Material:Copper; Conductor Plating:Tin; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor, Paired Thermocouple Extension Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Aluminum Foil RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Leaded Process Compatible:Yes; Temperature Max:90 C RoHS Compliant: Yes Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes Connector assemblies, Outlet; Leaded Process Compatible:Yes RoHS Compliant: Yes 2#12 FEP SH FEP RoHS Compliant: Yes Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:55ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No ShrinkdipsocketsOpenandclosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
C8105 |
Tinned Copper conductor, FEP Insulation, Individually shielded pairs, and overall Plenum PVC Jacketed Plenum
|
General Cable Technologies Corporation
|
116-93-964-41-006 116-93-210-41-006 116-93-304-41- |
Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Multiconductor Cable; Number of Conductors:19; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Dual-in-line sockets interconnect Open frame Solder tail 双列直插式插座互连开放框架焊 9#18 FEP SH FEP RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座互连开放框架焊 Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Audio control and Instrumentaion Cable, Plenum; Conductor Size AWG:18; Jacket Material:FEP Teflon; Conductor Material:Copper; Jacket Color:Red; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Red RoHS Compliant: Yes Cable/Wire, Multiconductor Cable, Power Electronic Cable, 9 Conductors, 20AWG, FEP Insulation, Red, 200 C, 600 V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Cable; Number of Conductors:12; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Features:Aluminium Foil/Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 2#16 FEP SH FEP RoHS Compliant: Yes Shielded Multiconductor Audio, Control and Instrumentation Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Shielding Material:Aluminum Foil/Tinned Copper Braid RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Red RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
C8108 |
6 /C 16 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket
|
General Cable Technologies Corporation
|
C8110 |
4 /C 18 AWG Stranded Tinned Copper, FEP Insulation, Overall Aluminum/Polyester Shield, TC Braid Shield, and FEP Jacket
|
General Cable Technologies Corporation
|
BYW81P BYW81P200 BYW81P-200 BYW81PI BYW81PI200 BYW |
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.1pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes ; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Capacitance:55pF/ft; Conductor Material:Copper; Outer Diameter:0.131" RoHS Compliant: Yes 高效快速恢复整流二极管
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. ST Microelectronics
|
1344195 |
Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
PE-SR402FLJ |
Formable 141 Semirigid Coax Cable with Tinned Braid Outer Conductor and Black FEP Jacket
|
Pasternack Enterprises,...
|
9928009100 99280081000 |
Tinned copper conductor, PVC insulation Tinned copper conductor, PVC insulation
|
List of Unclassifed Man...
|
9221010100 9221010U500 9221010500 |
30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
|
List of Unclassifed Man...
|
39118009100 1682722 391180075000 391180055000 |
18 AWG stranded (16x30) tinned copper conductor, PPO insulation 18 AWG stranded (16x30) tinned copper conductor, PPO insulation
|
List of Unclassifed Man...
|
9985010100 9985013100 99850131000 |
Tinned copper conductor, semi-rigid PVC insulation (solid conductors suitable for wire wrap applications).
|
List of Unclassifed Man...
|