ILC6370 ILC6370AP-25 ILC6370AP-33 ILC6370AP-50 ILC |
SOT-89 STEP UP SWITCHING REGULATOR WITH SHUTDOWN Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:24; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:400V RoHS Compliant: Yes Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:16; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:400V RoHS Compliant: Yes RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
http:// IMPALA[Impala Linear Corporation] Impala Linear Corporati...
|
K4H560438E-ZC/LA2 K4H560838E-ZC/LA2 K4H560438E-ZC/ |
64M X 4 DDR DRAM, 0.75 ns, PBGA60 ROHS COMPLIANT, FBGA-60 32M X 8 DDR DRAM, 0.75 ns, PBGA60 ROHS COMPLIANT, FBGA-60 CSM, CER 103PF 1000V 10% 1210 CAP, 10NF 1KV 10%, SMT, 1812 Connector Cover; Enclosure Material:Aluminum; Cable Diameter Max:25.4mm; Cable Diameter Min:20.32mm; Cable Entry:Top; For Use With:AVX/Elco 8016 Series Rack and Panel Rectangular Connectors with 90 Contacts RoHS Compliant: Yes CONN MEMORY CARD HDR CF NORMAL CONN EJECTOR COMPACTFLASH RIGHT Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:10; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; For Use With:C146 Rectangular Circular Connectors; Operating Voltage:400V RoHS Compliant: Yes COVER, SIDE ENTRY, 38WAY; For use with:8016 Series Rectangular Connectors; Material:Aluminium; Colour:Grey; Connector type:Dust Cap & Cover; Contacts, No. of:38; Ways, No. of:38 RoHS Compliant: Yes Rectangular Industrial Connector Housing; Series:C-146; No. of Contacts:6; Gender:Female; Body Material:Aluminum Alloy; Connecting Termination:Screw; Features:Spring Cover; For Use With:C146 Rectangular Circular Connectors RoHS Compliant: Yes 256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|