PART |
Description |
Maker |
KWDCTAAD KWDCTAAB KWDCTAAM KWDCTAAG KWDCTAAQ KWDCT |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 11.84mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 8mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 23.34mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.48mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 9.93mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.83mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.46mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.03mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 9.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.42mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.46mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 23.34mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 9.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.46mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 4.83mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 5.03mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
E62-00A E61-00H E61-00A THECHERRYCORP-E61-01R E61- |
SWITCH SNAP SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1.82mm, PANEL MOUNT SWITCH LEVER SPDT 5A QC TERM SWITCH SNAP SPDT 5A QC TERM SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1.82mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.06mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.25A, 30VDC, 10.9mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.68mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
E4-271 D8-344 MS25356-1 S3-5 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4A, 28VDC, 0.51mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 4PDT, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 6PST, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 1.52mm, PANEL MOUNT
|
EATON CORP
|
AM51646C63N AM51646A53N AM51646A73N AM51624D73N AM |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.6A, 125VDC, 4.6mm, PANEL MOUNT ROHS COMPLIANT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 16A, 125VDC, 4.6mm, PANEL MOUNT ROHS COMPLIANT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 16A, 125VDC, 4.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 16A, 125VDC, 2.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.1A, 30VDC, 2.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.1A, 30VDC, 2.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11A, 125VDC, 4.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.6A, 125VDC, 2.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 11A, 125VDC, 9.7mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6A, 125VDC, 2.5mm, PANEL MOUNT
|
Harwin PLC
|
D362-A8MA D369-A8JA D369-A8ML D361-W9LD D369-W9LD |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 21.9mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5.6mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 12.8mm, PANEL MOUNT
|
THE CHERRY CORP
|
GKDA3M8 GKCC3M8 GKBC3M8 GKDC2L6 GKDC30N6 GKDC2M7 G |
SNAP ACTING/LIMIT SWITCH, DPST, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 4PST, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 3PST, MOMENTARY, 2.8A, 24VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
P6-24003 MIL-PRF-8805/100-008 MIL-PRF-8805/100-017 |
SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 7A, 28VDC, 7.37mm, PANEL MOUNT-THREADED SNAP ACTING/LIMIT SWITCH, 4PDT, MOMENTARY, 7A, 28VDC, 8.13mm, PANEL MOUNT-THREADED SNAP ACTING/LIMIT SWITCH, 4PDT, MOMENTARY, 7A, 28VDC, 4.45mm, PANEL MOUNT-THREADED
|
OTTO Engineering, Inc. OTTO ENGINEERING INC
|
AH715259F AH76204609F AH71525619 AH74523619 AH7456 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.6A, 125VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.4mm, PANEL MOUNT
|
Vishay Intertechnology, Inc.
|
BZ-1R374-P4 |
SNAP ACTING/LIMIT SWITCH
|
HONEYWELL SENSING AND CONTROL
|
WZ-2RQW55-W104 |
SNAP ACTING/LIMIT SWITCH
|
HONEYWELL SENSING AND CONTROL
|
TBC5201-0110640 TBC5401-0111640 TBC5301-0110440 TB |
SNAP ACTING/LIMIT SWITCH, MOMENTARY, PANEL MOUNT
|
HOSIDEN CORP
|
|