PART |
Description |
Maker |
ADCMP565BP ADCMP565 ADCMP565BPZ |
DUAL COMPARATOR, 6000 uV OFFSET-MAX, 0.375 ns RESPONSE TIME, PQCC20 Dual Ultrafast Voltage Comparator (Formerly the AD53519)
|
ANALOG DEVICES INC AD[Analog Devices]
|
V53C104FK70 V53C104FK80 V53C104FK60L V53C104FK70L |
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM IC TRANS ARRAY 60V 500MA DIP16 IC COMPARATOR DUAL 18V SIP8 IC COMPARATOR DUAL 18V DIP8 IC REGULATOR 10V 1A TO220FP
|
Mosel Vitelic, Corp.
|
MC3405 MC3405P ON1087 MC3405-D |
Dual Operational Amplifier and Dual Comparator From old datasheet system DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
15KP60-TP 15KP64C-TP 15KP64-TP 15KP70A 15KP40CA 15 |
15000 W, UNIDIRECTIONAL, SILICON, TVS DIODE ROHS COMPLIANT, PLASTIC, R-6, 2 PIN 15000 W, BIDIRECTIONAL, SILICON, TVS DIODE ROHS COMPLIANT, PLASTIC, R-6, 2 PIN 15000 Watts Transient Voltage Suppressor 17 to 280 Volt
|
Micro Commercial Components, Corp.
|
TC1040 TC1040CEUA |
The TC1040 is a mixed-function device combining two comparators and a voltage reference in a single 8-Pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
|
MICROCHIP[Microchip Technology]
|
TA7521P |
Dual Comparator Voltage Comparator
|
Toshiba
|
KA393 KA393A KA393AD KA393D KA393S KA2903D KA293D |
Dual Differential Comparator Dual Comparator
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
ERU5TCK6R8 ERU5TBK6R8 |
Wirewound Resistor with Ther mal Cut-offs
|
Panasonic Semiconductor
|
GB-333RHCF GB-333GCF GB-333GDF GB-333GTF GB-333YDF |
Round Type With Stand-offs LED Lamps (5mm)
|
Lucky Light Electronic
|
ERU5TCJ131 |
Leaded Resistors - Wirewound Resistor with Thermal Cut-Offs
|
Panasonic
|