PART |
Description |
Maker |
LTC1844-1.8 1844IA LTC1844ES5-1.8 LTC1844ES5-2.5 L |
150mA, Micropower, Low Noise, VLDO Linear Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO5 Hex Inverter 14-SOIC -40 to 85 150mA/ Micropower/ Low Noise/ VLDO Linear Regulator 150mA Micropower, Low Noise, Ultralow Dropout LDO From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AD8617ARMZ AD8613AKSZ-R2 AD8613AKSZ-REEL AD8613AUJ |
Low Cost Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifier; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 2200 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO8 Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
CMPWR161 CMPWR161R CMPWR161Y |
Micropower, Low Noise 4.75V/150mA Low Dropout Regulator Micropower, Low Noise 4.75V/150mA LDO Regulator
|
California Micro Devices Corp
|
LT1962 LT1962EMS8 LT1962EMS8-2.5 LT1962EMS8-3 LT19 |
300mA/ Low Noise/ Micropower LDO Regulators 300mA, Low Noise, Micropower LDO Regulators From old datasheet system
|
LINER[Linear Technology]
|
LT1964EDDPBF LT1964IDDPBF LT1964ES5-SDPBF LT1964IS |
200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO8 200mA, Low Noise, Low Dropout Negative Micropower Regulator 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 PLASTIC, MO-193, TSOT-23, 5 PIN 200mA, Low Noise,Low Dropout Negative Micropower Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
AD8603 AD8603AUJ-R2 AD8603AUJ-REEL AD8603AUJ-REEL7 |
Precision Single MicroPower Rail to Rail Input/Output Low Noise CMOS Operational Amplifier Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Micropower Low Noise CMOS Rail-Rail Input/Output Operational Amplifiers DUAL OP-AMP, 700 uV OFFSET-MAX, 0.385 MHz BAND WIDTH, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
SC5203-4.7CSKTR |
4.7V 80mA ultra low dropout, low noise micropower linear regulator
|
Semtech
|
LT3080- LT3060MPTS8-1.5 LT3060MPTS8-2.5 LT3060MPTS |
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
|
Linear Technology http://
|
LT1763CDE LT1763CDE-1.5 LT1763CDE-1.5PBF LT1763CDE |
500mA, Low Noise, LDO Micropower Regulators
|
Linear Technology
|
LT3494AEDDB LT3494EDDB LT3494 LT3494A |
Micropower Low Noise Boost Converters with Output Disconnect
|
Linear Technology
|
LTC1844ES5-1.5 |
150mA, Micropower, Low Noise, VLDO Linear Regulator
|
Linear Technology
|
|