PART |
Description |
Maker |
AD8218 |
Zero Drift, Bidirectional Current Shunt Monitor
|
Analog Devices
|
AD8418WBRMZ-RL AD8418BRMZ AD8418BRMZ-RL AD8418WBRZ |
Bidirectional, Zero Drift, Current Sense Amplifier
|
Analog Devices
|
MAX5402 MAX5402EUA |
256-Tap, μPoT, Low-Drift, Digital Potentiometer 256-Tap, レPoT, Low-Drift, Digital Potentiometer 256-Tap, µPoT, Low-Drift, Digital Potentiometer 256-Tap PoT Low-Drift Digital Potentiometer "256-Tap ?PoT, Low-Drift, Digital Potentiometer" 256-Tap, µPoT, Low-Drift, Digital Potentiometer 256-Tap, PoT, Low-Drift, Digital Potentiometer
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX875 MAX875ACPA MAX875ACSA MAX875AEPA MAX875AESA |
Octal Buffers/Drivers With 3-State Outputs 20-LCCC -55 to 125 CONNECTOR ACCESSORY TVS BIDIRECT 600W 17V SMB Low-Power / Low-Drift / 2.5V/ 5V/ 10V Precision Voltage References 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CFP -55 to 125 Low-Power, Low-Drift, 2.5V/ 5V/ 10V Precision Voltage References Low-Power Low-Drift 2.5V/ 5V/ 10V Precision Voltage References
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
AD8230 AD8230YRZ-REEL AD8230YRZ-REEL7 AD8230-EVAL |
16V Zero-Drift Auto-Zero Instrumentation Amplifier Amplifier, Other - Datasheet Reference 16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
|
Analog Devices Inc AD[Analog Devices]
|
LTC2051HVHMS8 LTC2051HVHMS8PBF LTC2051HVHMS8TR LTC |
Dual Zero-Drift Operational Amplifiers Quad Zero-Drift Operational Amplifiers
|
Linear Technology
|
LTC1151 LTC1151C LTC1151CN8 LTC1151CS LT1151 |
Dual ±15V Zero-Drift Operational Amplifier Dual 15V Zero-Drift Operational Amplifier From old datasheet system Dual 【15V Zero-Drift Operational Amplifier
|
LINER[Linear Technology]
|
AD8551 AD8554 AD8552 |
Zero-Drift, Single-Supply,Rail-to-Rail Input/Output Operational Amplifier(低漂单电满幅度输入输出四运放) Zero-Drift, Single-Supply,Rail-to-Rail Input/Output Operational Amplifier(低漂单电满幅度输入输出双运放) Zero-Drift, Single-Supply,Rail-to-Rail Input/Output Operational Amplifier(低漂单电满幅度输入输出运 零漂移,单电源,轨到轨输输出运算放大器(低漂移,单电源,满幅度输入输出运放)
|
Analog Devices, Inc.
|
MC74HC194N MC74HC194 ON1378 |
4-Bit Bidirectional Universal Shift Register 4-BIT BIDIRECTIONAL UNLVERSAL SHLFT REGLSTER From old datasheet system
|
Motorola, Inc ON Semi
|
MAC15 MAC15-008 MAC15A8G MAC1510 MAC15-10 MAC15-10 |
Silicon Bidirectional Thyristor(15A00V三端双向可控硅晶闸管) 400 V, 15 A, TRIAC, TO-220AB Triacs Silicon Bidirectional Thyristors
|
Motorola Mobility Holdings, Inc. ONSEMI[ON Semiconductor]
|
MAX6314US25D1-T MAX6314US25D2-T MAX6314US25D3-T MA |
68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 4.39V. Reset timeout period(min) 1120ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 4.39V. Reset timeout period(min) 1ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 2.93V. Reset timeout period(min) 1120ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 2.63V. Reset timeout period(min) 1ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 2.63V. Reset timeout period(min) 1120ms. 68HC11/Bidirectional-Compatible 渭P Reset Circuit 68HC11/Bidirectional-Compatible P Reset Circuit DIODE SWITCHING DUAL SERIES 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL 68HC11/Bidirectional-Compatible レP Reset Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 2.63V. Reset timeout period(min) 20ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 3.08V. Reset timeout period(min) 140ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 3.50V. Reset timeout period(min) 140ms. 68H11/bidirectional-compatible microprocessor reset circuit. Reset threshold(nom) 4.39V. Reset timeout period(min) 140ms. 68HC11/Bidirectional-Compatible μP Reset Circuit
|
MAXIM - Dallas Semiconductor http:// MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
1.5KE180 1.5KE33A 1.5KE16C 1N6268A 1N6303 1.5KE51 |
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes 18 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 36 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 8.2 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 10 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 320 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 43 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 24 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 12 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode Transient Voltage Suppressor (TVS) 瞬态电压抑制器(TVS 56 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 33 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 6.8 V, 10 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 75 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 68 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 47 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode 130 V, 1 mA, 1500 W unidirectional and bidirectional transient voltage suppressor diode
|
Fagor List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] Jameco Electronics TE Connectivity, Ltd. Electronic Theatre Controls, Inc. Ecliptek, Corp. IDEC, Corp. List of Unclassifed Man...
|
|