PART |
Description |
Maker |
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
85013-3122 0850133122 |
2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1μm (40μ) Selective Gold (Au), 96 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1渭m (40渭) Selective Gold (Au), 96 Circuits, Lead free 2.54mm (.100) Pitch DIN 41612 Header, Through Hole, Vertical, Style R Reverse, 1楼矛m (40楼矛) Selective Gold (Au), 96 Circuits, Lead free
|
Molex Electronics Ltd.
|
85003-3067 0850033067 |
2.54mm (.100") Pitch DIN 41612 Header, Style C/2 , Right Angle, Through Hole, 0.6渭m (24渭") Selective Gold (Au), 48 Circuits 2.54mm (.100) Pitch DIN 41612 Header, Style C/2 , Right Angle, Through Hole, 0.6μm (24μ) Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
36511-0122 0365110122 MMB1502R963 MM-B1502-R963 |
2.54mm (.100) Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60μm (24μ) Gold (Au) Plating, Tail Length 4.50mm (.177), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60渭m (24渭") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Style R, Through Hole, Vertical, 0.60楼矛m (24楼矛") Gold (Au) Plating, Tail Length 4.50mm (.177"), 64 Circuits
|
Molex Electronics Ltd.
|
0850032983 85003-2983 |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole0.25μm (10μ) Selective Gold (Au), 32 Circuits, Lead free 2.54mm (.100") Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole0.25渭m (10渭") Selective Gold (Au), 32 Circuits, Lead free MOLEX Connector
|
Molex Electronics Ltd.
|
0850420086 85042-0086 |
2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
85042-9025 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
85042-4294 0850424294 |
2.54mm (.100") Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits 2.54mm (.100) Pitch DIN 41612 Receptacle, Style C/2, 48 Circuits
|
Molex Electronics Ltd.
|
MM-B2500-R962 0365090074 36509-0074 |
2.54mm (.100) Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 R Style Female Receptacle, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
|