PART |
Description |
Maker |
2N6576 |
15 AMPERE NPN DARLINGTON POWER TRAN
|
General Semiconductor
|
40TR12B |
SENSOR / ULTRASONIC / 40KHZ / TRAN
|
Jameco
|
MCRF355 MCRF360 |
The MCRF355 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features optimized at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran The MCRF360 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features operating at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran
|
Microchip
|
MJ16018 MJW16018 ON1986 |
Power 10A 800V NPN From old datasheet system NPN Silicon Power Transistors POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS 10 A, 800 V, NPN, Si, POWER TRANSISTOR, TO-247AE
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Mobility Holdings, Inc.
|
BUL147-D |
SWITCHMODE NPN Bipolar Power Transistor For Switching Power Supply Applications Power 10A 400V NPN
|
ON Semiconductor
|
BUL146FG BUL146G |
Bipolar Power TO220FP NPN 6A 400V; Package: TO-220 3 LEAD FULLPAK; No of Pins: 3; Container: Rail; Qty per Container: 50 6 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB SWITCHMODE NPN Bipolar Power Transistor
|
ON Semiconductor
|
MJF31C MJF31CG MJF32C MJF32CG MJF31C-08 |
Complementary Silicon Plastic Power Transistors Bipolar Power T0220FP NPN 3A 100V ; Package: TO-220 3 LEAD FULLPAK; No of Pins: 3; Container: Rail; Qty per Container: 50 3 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
ON Semiconductor
|
2N3716 2N3715 ON0040 |
Slllcon NPN Power Translstors 10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS From old datasheet system
|
Motorola Inc ON Semi MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2SD2273 |
Silicon NPN triple diffusion planar type Darlington(For power amplification) 3 A, 80 V, NPN, Si, POWER TRANSISTOR
|
Panasonic, Corp.
|
2SD2469A 2SD2469 |
Silicon NPN epitaxial planar type(For power switching) 7 A, 100 V, NPN, Si, POWER TRANSISTOR
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
BUD7312 BUD7312-SMD |
3 A, 600 V, NPN, Si, POWER TRANSISTOR, TO-251 3 A, 600 V, NPN, Si, POWER TRANSISTOR, TO-252 From old datasheet system Silicon NPN High Voltage Switching Transistor
|
VISHAY TELEFUNKEN
|
|