PART |
Description |
Maker |
1727930000 1755430000 1728030000 1727830000 172794 |
PCB connection systems PCB connection systems
|
Weidmuller
|
1728307 |
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
|
PHOENIX CONTACT
|
0393660000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 5, 90°, Box
|
Weidmuller
|
0393360000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 2, 90°, Box
|
Weidmuller
|
898D-44KT-DM4 898D-48KT-DM4 |
Safety Connection Systems
|
Allen-Bradley
|
VI-351 |
REMARK: THE SAME COMMON SHOULD BE CONNECTED TOGETHER ON PCB N.C =NO CONNECTION
|
Varitronix international limited
|
RAD-SPL-2-N |
Antenna splitter, frequency range: 0.3 GHz ... 6 GHz, degree of protection: IP65, connection: 3 x N (female), suitable connection cable for the antenna connection (Order No. 2700677)
|
PHOENIX CONTACT
|
0424039 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0421016 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0611017 |
Connection honeycomb, Connection type: Screw mounting, Number of positions
|
PHOENIX CONTACT
|
0441517 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
|