PART |
Description |
Maker |
VN920-B5 VN920SOTR-E |
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY INDUCTOR, AXIAL, 12UH; Inductor type:Choke; Inductance:12uH; Tolerance, inductance: /-20%; Resistance:0.04R; Current, DC max:4A; Frequency, resonant INDUCTOR, AXIAL, 22UH; Inductor type:Choke; Inductance:22uH; Tolerance, inductance: /-20%; Resistance:0.07R; Current, DC max:3A; Frequency, resonant:110MHz; Case style:Axial; Material, core:Ferrite; Tolerance, :20%; Tolerance, RoHS Compliant: Yes
|
STMicroelectronics 意法半导
|
RC5025 RC1608F105CS RC2012 RC1005F561CS RC2012F510 |
Suitable size and packaging for surface mount assembly Low tolerance Owing to the reduced lead inductance, the high frequency characteristic is excellent.
|
Samsung semiconductor List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
FP4-100-R FP4-150-R |
SMD Inductor; Inductor Type:High Frequency; Inductance:100nH; Inductance Tolerance: /- 15 %; Series:FP4; DC Resistance Max:0.00065ohm; Package/Case:FLAT-PAC 4; Core Material:Ferrite; Current, It rms:40A RoHS Compliant: Yes SMD Inductor; Inductor Type:High Frequency; Inductance:150nH; Inductance Tolerance: /- 15 %; Series:FP6; DC Resistance Max:0.00065ohm; Package/Case:FLAT-PAC 4; Core Material:Ferrite; Current, It rms:40A RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
6000-560K-RC 6000-391K-RC 6000-392K-RC 6000-390K-R |
Unshielded Surface Mount Inductors 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Radial Lead RF Chokes RF Choke; Series:6000; Inductance:68uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:4.9MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.36A; DC Resistance Max:0.21ohm RF Choke; Series:6000; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Q Factor:20; Self Resonant Frequency:29MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:4.1A; DC Resistance Max:0.035ohm RF Choke; Series:6000; Inductance:47uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:6.5MHz; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:1.77A; DC Resistance Max:0.16ohm
|
NorComp Bourns Electronic Solutions BOURNS INC
|
SRU6025-100Y SRU6025-150Y SRU6025-151Y SRU6025-220 |
CHOKE, POWER, SHIELDED, 10UH; Inductor type:Shielded Power Choke; Inductance:10uH; Tolerance, inductance:30%; Resistance:57mR; Frequency, resonant:25MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 15UH; Inductor type:Shielded Power Choke; Inductance:15uH; Tolerance, inductance:30%; Resistance:86mR; Frequency, resonant:22MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 150UH; Inductor type:Shielded Power Choke; Inductance:150uH; Tolerance, inductance:30%; Resistance:770mR; Frequency, resonant:5MHz; Case style:SMD Shielded; Q factor:30; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 22UH; Inductor type:Shielded Power Choke; Inductance:22uH; Tolerance, inductance: /-30%; Resistance:130mR; Frequency, resonant:18MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 220UH; Inductor type:Shielded Power Choke; Inductance:220uH; Tolerance, inductance:30%; Resistance:1250mR; Frequency, resonant:4MHz; Case style:SMD Shielded; Q factor:20; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 33UH; Inductor type:Shielded Power Choke; Inductance:33uH; Tolerance, inductance:30%; Resistance:180mR; Frequency, resonant:12MHz; Case style:SMD Shielded; Q factor:12; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 4.7UH; Inductor type:Shielded Power Choke; Inductance:4.7uH; Tolerance, inductance: /-30%; Resistance:35mR; Frequency, resonant:42MHz; Case style:SMD Shielded; Q factor:8; Material, core:Ferrite DR/RI; RoHS Compliant: Yes CHOKE, POWER, SHIELDED, 68UH; Inductor type:Shielded Power Choke; Inductance:68uH; Tolerance, inductance: /-30%; Resistance:365mR; Frequency, resonant:8MHz; Case style:SMD Shielded; Q factor:10; Material, core:Ferrite DR/RI; RoHS Compliant: Yes
|
BOURNS INC
|
PM54-330L-RC BOURNSINC-PM54-470L-RC |
Power Inductor; Series:PM54; Inductance:33uH; Inductance Tolerance: /- 15 %; Self Resonant Frequency:16MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:880mA; Leaded Process Compatible:Yes
|
BOURNS INC
|
KB551V-30 |
High current rectifier Schottky diode, Low voltage, low inductance
|
TY Semiconductor Co., Ltd
|
2000-6R8-H-RC 2000-3R3-V-RC 2000-1R2-V-RC 2000-5R6 |
Toroidal Inductor; Series:2000; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:7.2A; Leaded Process Compatible:Yes; Resistance:13mohm 1 ELEMENT, 6.8 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR Inductor, Toroidal 1 ELEMENT, 1.2 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2000; Inductance:5.6uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:9.7A; Leaded Process Compatible:Yes; Resistance:6.9mohm 1 ELEMENT, 18 uH, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR Low radiation High operation frequency Toroidal Inductor; Series:2000; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Current Rating:2.2A; Leaded Process Compatible:Yes; Resistance:1.7mohm 1 ELEMENT, 0.5 uH, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
HVL45 HVL43 HVL44 |
High Voltage Low Inductance Thick film Resistors
|
TT Electronics / Welwyn
|
SDR0602 SDR0602-330KL SDR0602-331K SDR0602-100M SD |
1 ELEMENT, 270 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:SDR0602; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Q Factor:18; Self Resonant Frequency:44MHz; Package/Case:470; Terminal Type:PCB Surface Mount; Core Material:Ferrite DQ; Current Rating:1.55A 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 12 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:SDR0602; Inductance:330uH; Inductance Tolerance: /- 10 %; Q Factor:55; Self Resonant Frequency:4MHz; Package/Case:470; Terminal Type:PCB Surface Mount; Core Material:Ferrite DQ; Current Rating:160mA 1 ELEMENT, 8.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD High Power Inductor 高功率贴片电 From old datasheet system
|
BOURNS INC Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
2SC4854 2SC4854-5 2SC4854-4 |
晶体管|晶体管|叩| 6V的五(巴西)总裁| 15mA的一c)|36AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Low-Voltage Low-Current High-Frequency Amp Applications Low-Voltage, Low-Current High-Frequency Amp Applications
|
SANYO[Sanyo Semicon Device]
|
PM1210-R039K-RC PM1210-R010K-RC |
1 ELEMENT, 0.039 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD Inductor; Series:PM1210; Inductance:10nH; Inductance Tolerance: /- 10 %; Q Factor:15; Self Resonant Frequency:2.5GHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:450mA; Leaded Process Compatible:Yes
|
BOURNS INC
|
|