PART |
Description |
Maker |
IRF9Z34-001PBF IRF9543-003PBF IRF9543-005PBF IRF95 |
18 A, 60 V, 0.14 ohm, P-CHANNEL, Si, POWER, MOSFET 16 A, 80 V, 0.3 ohm, P-CHANNEL, Si, POWER, MOSFET 3 A, 80 V, 1.2 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 9.7 A, 60 V, 0.28 ohm, P-CHANNEL, Si, POWER, MOSFET 2 A, 500 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET 2.1 A, 1000 V, 6.7 ohm, N-CHANNEL, Si, POWER, MOSFET 2.8 A, 800 V, 3.8 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 19 A, 80 V, 0.2 ohm, P-CHANNEL, Si, POWER, MOSFET 7 A, 450 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6.2 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET 1.7 A, 400 V, 5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Vishay Intertechnology, Inc. Intersil, Corp. VISHAY INTERTECHNOLOGY INC
|
APT18F60B APT38F80L APT29F100L APT29F80J APT21M100 |
15 A, 600 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AB ROHS COMPLIANT, 3 PIN 22 A, 800 V, 0.28 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA ROHS COMPLIANT, T-MAX, 3 PIN 1000V, 29A, 0.46Max, trr ÷270ns N-Channel FREDFET 17 A, 1000 V, 0.46 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA Power FREDFET; Package: ISOTOP®; ID (A): 31; RDS(on) (Ohms): 0.21; BVDSS (V): 800; 44 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET 31 A, 1000 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET Power FREDFET; Package: TO-247 [B]; ID (A): 14; RDS(on) (Ohms): 0.98; BVDSS (V): 1000; 53 A, 600 V, 0.62 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 800 V, 0.24 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
Microsemi, Corp. MICROSEMI CORP
|
NDF10N60ZG |
10A 600V 0.65 Ohm Single N-Channel TO-220FP MOSFET 6 A, 600 V, 0.75 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
IRFR9120 IRFU9120 IRFR91209A |
5.6 A, 100 V, 0.6 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA 5.6A, 100V, 0.600 Ohm, P-Channel Power MOSFETs
|
FAIRCHILD SEMICONDUCTOR CORP
|
2SK1405 2SK1405-E |
15 A, 600 V, 0.5 ohm, N-CHANNEL, Si, POWER, MOSFET Silicon N Channel MOS FET
|
Renesas Electronics Corporation
|
FCA20N60F |
600V N-CHANNEL FRFET 20 A, 600 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
IRF9520 |
6 A, 100 V, 0.6 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
CRL1206-FU-R0107ELF CRL1206-FU-R0127ELF CRL1206-FU |
RESISTOR, 0.25 W, 1 %, 600 ppm, 0.0107 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, 0.25 W, 1 %, 600 ppm, 0.0127 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, 0.25 W, 1 %, 600 ppm, 0.0147 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, 0.25 W, 1 %, 600 ppm, 0.0178 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, 0.25 W, 1 %, 600 ppm, 0.0187 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR, 0.5 W, 1 %, 600 ppm, 0.0107 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR, 0.5 W, 1 %, 600 ppm, 0.0127 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR, 0.5 W, 1 %, 600 ppm, 0.0137 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR, 0.5 W, 1 %, 600 ppm, 0.0147 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR, 0.5 W, 1 %, 600 ppm, 0.0174 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR, 0.5 W, 1 %, 600 ppm, 0.0187 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0107 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0127 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0137 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0147 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0174 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0178 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, 1 W, 1 %, 600 ppm, 0.0187 ohm, SURFACE MOUNT, 2512 CHIP SMD Chip Resistors 0.13ohm 1% RESISTOR, 0.25 W, 1 %, 200 ppm, 0.13 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 0.1 W, 1 %, 200 ppm, 0.13 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR - Low Value RESISTOR, 1 W, 1 %, 200 ppm, 0.13 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR - Low Value RESISTOR, 0.125 W, 1 %, 200 ppm, 0.13 ohm, SURFACE MOUNT, 0805 SMD Chip Resistors 6.2ohm 5% RESISTOR, 1 W, 5 %, 200 ppm, 6.2 ohm, SURFACE MOUNT, 2512 SMD Chip Resistors 0.13ohm 5% RESISTOR, 0.25 W, 5 %, 200 ppm, 0.13 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 0.5 W, 5 %, 200 ppm, 6.2 ohm, SURFACE MOUNT, 2010 SMD Chip Resistors 0.62ohm 1% 1/10watt RESISTOR, 0.1 W, 1 %, 200 ppm, 0.62 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR - Low Value RESISTOR, 0.25 W, 5 %, 200 ppm, 0.056 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 0.25 W, 5 %, 200 ppm, 9.1 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 0.5 W, 1 %, 200 ppm, 0.62 ohm, SURFACE MOUNT, 2010 CHIP RESISTOR - Low Value RESISTOR, 0.1 W, 5 %, 200 ppm, 8.2 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR - Low Value RESISTOR, 0.1 W, 5 %, 200 ppm, 0.11 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR - Low Value RESISTOR, 0.25 W, 1 %, 200 ppm, 2.21 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 0.25 W, 5 %, 200 ppm, 0.36 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 1 W, 5 %, 200 ppm, 0.36 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR - Low Value RESISTOR, 0.1 W, 5 %, 200 ppm, 4.3 ohm, SURFACE MOUNT, 0603 CHIP RESISTOR - Low Value RESISTOR, 0.25 W, 5 %, 200 ppm, 0.11 ohm, SURFACE MOUNT, 1206 SMD Chip Resistors 0.082ohm 5% RESISTOR, 0.25 W, 5 %, 200 ppm, 0.082 ohm, SURFACE MOUNT, 1206 CHIP RESISTOR - Low Value RESISTOR, 0.1 W, 1 %, 200 ppm, 0.11 ohm, SURFACE MOUNT, 0603 SMD Chip Resistors 0.11ohm 5% RESISTOR, 1 W, 5 %, 200 ppm, 0.11 ohm, SURFACE MOUNT, 2512
|
Bourns, Inc.
|
FQU5N60C FQU5N60CTU FQD5N60C FQD5N60CTM |
N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
|
Fairchild Semiconductor
|
BSP125L6327 |
0.12 A, 600 V, 45 ohm, N-CHANNEL, Si, POWER, MOSFET
|
INFINEON TECHNOLOGIES AG
|
|