PART |
Description |
Maker |
PG2415T6X-15 |
0.05 to 6.0 GHz SPDT SWIT
|
Renesas Electronics Corporation
|
STW29NK50ZD W29NK50ZD |
N-CHANNEL 500V - 0.11 OHM - 29A TO-247 FAST DIODE SUPERMESH MOSFET N-CHANNEL 500 V - 0.11蟹 - 29A TO-247 Fast Diode SuperMESH??MOSFET N-CHANNEL 500 V - 0.11з - 29A TO-247 Fast Diode SuperMESH⑩ MOSFET N-CHANNEL 500 V - 0.11?/a> - 29A TO-247 Fast Diode SuperMESH?/a> MOSFET N-CHANNEL 500 V - 0.11 - 29A TO-247 Fast Diode SuperMESH MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STU7NA80 5968 |
N - CHANNEL 800V - 1.3 Ohm - 6.5A - Max220 FAST POWER MOSFET N - CHANNEL 800V - 1.3 - 6.5A - Max220 FAST POWER MOSFET From old datasheet system N - CHANNEL 800V - 1.3ohm - 6.5A - Max220 FAST POWER MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STH6NA80FI 2998 STW6NA80 |
N-CHANNEL MOSFET N - CHANNEL 800V - 1.8 - 5.4A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR From old datasheet system N - CHANNEL 800V - 1.8ohm - 5.4A - TO-247/ISOWATT218 FAST POWER MOS TRANSISTOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STH7NA90FI STW7NA90FI STW7NA90 5599 |
-频道900V - 1.05ohm - 7A TO-247/ISOWATT218 FAST的功率MOSFET N沟道900V -1.05Ω- 7A条,TO-247/ISOWATT218快速功率MOSFET(不适用沟道快速功率MOSFET的) From old datasheet system N-CHANNEL MOSFET N - CHANNEL 900V - 1.05OHM - 7A - TO-247/ISOWATT218 FAST POWER MOSFET N - CHANNEL 900V - 1.05 Ohm - 7A - TO-247/ISOWATT218 FAST POWER MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
SI4850EY SI4850EY-E3 SI4850EY-T1 SI4850EY-T1-E3 |
N-Channel Reduced Qg, Fast-Switching MOSFET N沟道Qg,快速开关MOSFET N-Channel Reduced Qg, Fast Switching MOSFET N沟道减少Qg和,快速开关MOSFET N-Channel Reduced Qg/ Fast Switching MOSFET
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
STW6NA90 5601 |
OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN N-CHANNEL MOSFET From old datasheet system N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AP6906GH-HF AP6906GH-HF-14 |
16.4 A, 60 V, 0.04 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HALOGEN FREE AND ROHS COMPLIANT, SDPAK-5 Simple Drive Requirement, Fast Switching Performance
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp. Advanced Power Electron...
|
SF30AG-T SF30AG-B SF30DG-B SF30DG-T SF30JG-B SF30A |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers 3.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
|
DIODES[Diodes Incorporated]
|
SD203R25S20PV SD203N SD203N04S10MBC SD203N04S10MBV |
1200V Fast Recovery Diode in a DO-205AB (DO-9) package 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V Fast Recovery Diode in a DO-205AB (DO-9) package XSTR FET-N DEPL 500V 1K TO243 SEMICONDUCTOR DEVICE, TRANSISTOR, P-CHANNEL MOSFET (SOT-89) XSTR M N 100V 1.5R 3.0A ,IC, HIGH VOLT EL DRIVER, SO-8 DIODE SCHOTTKY 40V/1A SS14 SMA 快速恢复二极管螺柱版本 TRANSISTOR, DN2540 N-FET S 快速恢复二极管螺柱版本 FAST RECOVERY DIODES Stud Version 快速恢复二极管螺柱版本
|
IRF[International Rectifier] International Rectifier, Corp.
|
STU6NA100 6003 |
N - CHANNEL 1000V - 1.45ohm - 6A - Max220 FAST POWER MOS TRANSISTOR From old datasheet system N - CHANNEL 1000V - 1.45 - 6A - Max220 FAST POWER MOS TRANSISTOR
|
STMICROELECTRONICS[STMicroelectronics]
|