PART |
Description |
Maker |
NCP5661MNADJT2G NCP5661DT18RKG NCP5661DT33RKG NCP5 |
Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
|
ON Semiconductor
|
NCP5662 |
Low Output Voltage, Ultra Fast 2.0 A Low Dropout Linear Regulator with Enable(甯?娇?芥??剁?浣???虹????瓒?揩2.0 A浣??宸?嚎?хǔ???)
|
ON Semiconductor
|
NCV5662 NCV5662DS15R4G NCV5662DSADJR4G NCP5662_07 |
Low Output Voltage, Ultra−Fast 2.0 A Low Dropout Linear Regulator with Enable
|
ONSEMI[ON Semiconductor]
|
BYT01-400 BYT01-400RL BYT01-40001 BYT01 |
Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible HIGH EFFICIENCY ULTRAFAST DIODE FAST RECOVERY RECTIFIER DIODES FAST RECOVERY RECTIFIER DIODES
|
STMicroelectronics ST Microelectronics
|
HDB105G HDB107G HDB101G HDB104G HDB106G HDB102G HD |
1.0A, 1000V ultra fast recovery rectifier 1.0A, 50V ultra fast recovery rectifier 1.0A, 800V ultra fast recovery rectifier 1.0A, 200V ultra fast recovery rectifier 1.0A, 400V ultra fast recovery rectifier 1.0A, 100V ultra fast recovery rectifier Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) IC-1W BTL MONO AUDIO AMP Analog IC Audio Power Amplifier IC; Speaker Channels:Stereo; Output Power, Po:22W; Load Impedance Min:4ohm; Supply Voltage Max:18V; Supply Voltage Min:9V; Package/Case:17-SIP; Amplifier Type:; Number of Amplifiers:2; Output Current:0.375A 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 1.0 AMP. Glass Passivated Bridge High Efficient Rectifier 50 to 1000 Volts 1 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
OM5236ST OM5241ST OM5240ST OM5238ST OM5237ST OM523 |
400V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 400V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 100V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SINGLE ISOLATED RECTIFIER IN HERMETIC 200V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC]
|
MUR4100 |
Ultra Fast Recovery Pack: DO-201AD GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 1000V CURRENT:4.0A
|
Gulf Semiconductor
|
MAX5524 MAX5524ETC |
Dual. Ultra-Low-Power. 10-Bit. Voltage-Output DACs 1.8 to 5.5 V, dual, ultra-low-power, 10-bit, voltage-output DAC Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
LD2980CU30TR LD2980CU36TR LD2980ABU30TR LD2980ABU3 |
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors
|
STMicroelectronics
|
LP3965EMP-1.8 LP3965EMP-2.5 |
1.5A Fast Ultra Low Dropout Linear Regulators LP3965 - 1.5A Fast Ultra Low Dropout Linear Regulator, Package: SOT-223, Pin Nb=5
|
NSC
|