PART |
Description |
Maker |
325-5M-15 305-5M-15 1595-5M-15 575-5M-15 480-8M-20 |
RIEMEN SYNCHRON HTD L 325MM B 15MM RIEMEN SYNCHRON HTD L 305MM B 15MM RIEMEN SYNCHRON HTD L 575MM B 15MM Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits RIEMEN SYNCHRON HTD L 480MM B 30MM RIEMEN SYNCHRON HTD L 560MM B 200MM RIEMEN SYNCHRON HTD L 600MM B 200MM Dual/Triple-Voltage µP Supervisory Circuits RIEMEN SYNCHRON HTD L 640MM B 200MM Low-Power Dual-/Triple-Voltage SC70 µP Supervisory Circuits Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout RIEMEN SYNCHRON HTD L 720MM B 30MM 3-1/2 Digit A/D, BCD, -40C to 85C, 24-PDIP 600mil, TUBE RIEMEN SYNCHRON HTD L 880MM B 200MM RIEMEN SYNCHRON HTD L 960MM B 200MM RIEMEN SYNCHRON HTD L 960MM B 30MM RIEMEN SYNCHRON HTD L 1040MM B 200MM RIEMEN SYNCHRON HTD L 450MM B 15MM 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 2-Wire-Interfaced 8-Bit I/O Port Expander with Reset Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 1.2A Dual MOSFET Drvr, 0C to 70C, 8-PDIP, TUBE RIEMEN SYNCHRON HTD L 1100MM B 15MM RIEMEN SYNCHRON HTD L 980MM B 15MM RIEMEN SYNCHRON HTD L 1800MM B 15MM RIEMEN SYNCHRON HTD L 1120MM B 30MM RIEMEN SYNCHRON HTD L 1120MM B 200MM RIEMEN SYNCHRON HTD L 1200MM B 200MM RIEMEN SYNCHRON HTD L 1260MM B 200MM RIEMEN SYNCHRON HTD L 1600MM B 200MM RIEMEN SYNCHRON HTD L 1440MM B 200MM RIEMEN SYNCHRON HTD L 1440MM B 30MM RIEMEN SYNCHRON HTD L 1040MM B 30MM RIEMEN SYNCHRON HTD L 1420MM B 15MM RIEMEN SYNCHRON HTD L 1600MM B 30MM RIEMEN SYNCHRON HTD L 1270MM B 15MM RIEMEN SYNCHRON HTD L 1200MM B 30MM RIEMEN SYNCHRON HTD L 890MM B 15MM 里门的SYNCHRON HTD890MM15毫米 RIEMEN SYNCHRON HTD L 1595MM B 15MM 里门的SYNCHRON HTD595MM5毫米 RIEMEN SYNCHRON HTD L 560MM B 30MM 里门的SYNCHRON HTD560MM0毫米 RIEMEN SYNCHRON HTD L 880MM B 30MM 里门的SYNCHRON HTD80┨乙30毫米
|
TE Connectivity, Ltd. Amphenol, Corp. Rubycon, Corp.
|
GRM31MR71A225K |
Chip Monolithic Ceramic Capacitor 1206 X7R 2.2μF 10V Chip Monolithic Ceramic Capacitor 1206 X7R 2.2楼矛F 10V
|
Murata Manufacturing Co., Ltd.
|
GRM188C81A225K |
Chip Monolithic Ceramic Capacitor 0603 X6S 2.2μF 10V Chip Monolithic Ceramic Capacitor 0603 X6S 2.2レF 10V
|
Murata Manufacturing Co., Ltd.
|
GRM188R61A335K |
Chip Monolithic Ceramic Capacitor 0603 X5R 3.3μF 10V Chip Monolithic Ceramic Capacitor 0603 X5R 3.3レF 10V
|
http:// Murata Manufacturing Co., Ltd.
|
GRM21BR61A475K |
Chip Monolithic Ceramic Capacitor 0805 X5R 4.7uF 10V
|
Murata Manufacturing Co., Ltd.
|
GRM022R71A561K |
Chip Monolithic Ceramic Capacitor 01005 X7R 560pF 10V
|
Murata Manufacturing Co., Ltd.
|
MAX680 MAX680C_D MAX680CPA MAX680CSA MAX680EPA MAX |
5V to 0V Voltage Converters Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 30 AMP MINIATURE POWER RELAY 5V to 【10V Voltage Converters 5V to 10V Voltage Converters 5V to ±10V Voltage Converters
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maxim Integrated Produc...
|
KO3404 |
VDS (V) = 30V ID =5.8 A (VGS=10V) RDS(ON) 28 m (VGS = 10V)
|
TY Semiconductor Co., Ltd
|
KDB3672 |
rDS(ON) =24m (Typ.), VGS = 10V, ID =44A Qg(tot) = 24nC (Typ.), VGS = 10V
|
TY Semiconductor Co., L...
|
TC56 TC562502ECT TC563002ECT TC563302ECT |
The TC56 is a low supply current (11 µA typ at VOUT =3V), low dropout CMOS linear regulator, with a 10V maximum input voltage range. CMOS construction eliminates wasted ground current typical of bipolar regulators for greater system e 150mA, 10V LDO with Shutdown
|
MICROCHIP[Microchip Technology]
|