PART |
Description |
Maker |
MG75Q1JS40 E002405 |
Silicon N channel IGBT(N沟道绝缘栅双极型晶体 N通道IGBT的(不适用沟道绝缘栅双极型晶体管) N CHANNEL IGBT (HIGH POWER SWITCHING / CHOPPER APPLICATIONS) N CHANNEL IGBT (HIGH POWER SWITCHING CHOPPER APPLICATIONS) From old datasheet system N CHANNEL IGBT (HIGH POWER SWITCHING, CHOPPER APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
50MT060ULS 50MT060ULST |
600V UltraFast 4-20 kHz Ls Chop S IGBT in a MTP package LOW SIDE CHOPPER IGBT MTP
|
IRF[International Rectifier]
|
APTGF90DA60CT1G |
110 A, 600 V, N-CHANNEL IGBT Boost chopper NPT IGBT SiC Chopper diode
|
MICROSEMI POWER PRODUCTS GROUP Microsemi Corporation
|
APTGF90DA60D1 |
130 A, 600 V, N-CHANNEL IGBT Boost Chopper - IGBT Boost Chopper NPT IGBT Power Module
|
Advanced Power Technology
|
DIM375WKS06-S000 DIM375WKS06-S |
IGBT Modules - Chopper IGBT Chopper Module (Upper Arm Control)
|
DYNEX[Dynex Semiconductor]
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
MG150Q1JS40 E002101 |
N CHANNEL IGBT (HIGH POWER SWITCHING / CHOPPER APPLICATIONS) N CHANNEL IGBT (HIGH POWER SWITCHING, CHOPPER APPLICATIONS) From old datasheet system
|
Toshiba Semiconductor
|
APT50GF60JCU2 |
ISOTOP? Boost chopper NPT IGBT SiC chopper diode ISOTOP垄莽 Boost chopper NPT IGBT SiC chopper diode
|
Microsemi Corporation
|
APTGT50SK120D1 |
Buck Chopper - IGBT Buck chopper Trench IGBT Power Module
|
Advanced Power Technology
|
APTGT35DA120D1 |
Boost Chopper - IGBT Boost chopper Trench IGBT? Power Module
|
Advanced Power Technology
|
APTGT300DA120D3 |
Boost Chopper - IGBT Boost chopper Trench IGBT Power Module
|
Advanced Power Technology
|