PART |
Description |
Maker |
BYS459F-1500 BYS459-1500 BYS459B-1500 |
High Voltage Damper Diodes Reverse Voltage 1500V Forward Current 6.5A Reverse Recovery Time 350ns
|
VISAY[Vishay Siliconix]
|
UG8JT UGF8JT UGB8HT UG8HT |
Ultrafast Rectifiers, Forward Current 8.0A, Reverse Recovery Time 25ns, Reverse Voltage 500 to 600V
|
VISHAY
|
2SJ626 2SJ626-T1B 2SJ626-T2B |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:30V; Forward Voltage Max, VF:1V; Vf Test Current:5mA; Power Dissipation, Pd:80mW; Package/Case:DO-7; Current Rating:150mA; Forward Current Max, If:150mA; Forward Voltage:1.0V MOS场效应管 MOS FIELD EFFECT TRANSISTOR Pch enhancement type MOS FET
|
NEC, Corp. NEC[NEC]
|
SB3H90 SB3H100 |
High Voltage Schottky Rectifier, Forward Current 3.0A, Reverse Voltage 90V High Voltage Schottky Rectifier, Forward Current 3.0A, Reverse Voltage 100V
|
VISAY[Vishay Siliconix]
|
BYT28 BYT28-300 BYT28-400 BYT28B BYT28F UGF10GCT U |
Dual Ultrafast Soft Recovery Rectifier, Reverse Recovery Time 35ns, Forward Current 10A, Reverse Voltage 300 to 400V Diodes
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
XC6383C351PL XC6383A351ML XC6383A351MR XC6383A351P |
Hall Effect IC; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LEAD FREE EXT TEMP A2982 20L SOIC XC6383 Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:50V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41; Current Rating:1A 50V 1A 1N4001 (DO-41)
|
TOREX[Torex Semiconductor] TOREX SEMICONDUCTOR LTD.
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
MBRF10H90 MBR10H100 MBR10H90 MBRB10H100 MBRB10H90 |
High Voltage Schottky Rectifiers, Forward Current 10A, Reverse Voltage 90 to 100V
|
VISAY[Vishay Siliconix]
|
GI1-1200GP GI1-1400GP GI1-1600GP |
Miniature High Voltage Glass Passivated Rectifier, Forward Current 1.0 A, Reverse Voltage 1200 to 1600 V
|
Vishay
|