Part Number Hot Search : 
LD3500 BYG80J 227M00 MC134M 1N522 1N4735 CER6080 18ABD
Product Description
Full Text Search

CXXXTR5050M-SXX000 - High-Reliability Eutectic, Solder Paste or Preforms TR5050M LEDs

CXXXTR5050M-SXX000_7282405.PDF Datasheet


 Full text search : High-Reliability Eutectic, Solder Paste or Preforms TR5050M LEDs


 Related Part Number
PART Description Maker
CXXXTR5050M-SXX000 450TR5050M-S18000 TR5050M-15 High-Reliability Eutectic, Solder Paste or Preforms
TR5050M LEDs
Cree, Inc
Marktech Corporate
1N5226B-LCC3 1N5242B-LCC3 1N5241B-LCC3 1N5244B-LCC 5.1V, 0.02A Reference diode
MSTBW 2.5/13-G
FKC 2.5/3-STF
FAN 24VDC SPRINT ST24A3
MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-15 INSERT ARRANGEMENT, RECEPTACLE GENDER, 35 CONTACTS
Cabinet Rack; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
MS (MIL-C-5015)/97 SERIES 3102A BOX MOUNTING RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 28 SHELL SIZE, 28-19 INSERT ARRANGEMENT, RECEPTACLE GENDER, 10 CONTACTS
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 160 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
Power Supply 120 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 13 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 25 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 56 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 9.1 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 180 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 43 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 51 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
Battery, Lead-Acid, Sealed, Flame Retardant, Rechargeable, NPX ser. 12V, 150 WPC - 1.67VPC 15 Min - FR 稳压稳压二极管朗格陶瓷表面安装高可靠性的应用工具
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
http://
SEME-LAB[Seme LAB]
TT electronics Semelab Limited
TT electronics Semelab, Ltd.
Coilcraft, Inc.
SEMELAB LTD
BR93L46RF-LE2 BR93L46RFV-WE2 BR93L46RFJ-WE2 BR93L4 High Reliability Serial EEPROMs High Reliability Series
   High Reliability Serial EEPROMs High Reliability Series
Rohm
ASA2800S ASA2805S HYBRID-HIGH RELIABILITY DC/DC CONVERTER
HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
International Rectifier
2N2907ADCSM Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装))
DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
TT electronics Semelab Limited
SEME-LAB[Seme LAB]
FJP5027 FJP5027TU FJP5027R FJP5027RTU Wide SOA
High Speed Switching
High Voltage and High Reliability
NPN Silicon Transistor
FAIRCHILD[Fairchild Semiconductor]
BD63875EFV BD63875EFV-E2 High Performance, High Reliability 36V Series Stepping Motor Driver
ROHM
BR25H020-W BR25H020-WE2 BR25H010F-WE2 BR25H010FJ-W HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40∑C ~ 125∑C type
HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40°C ~ 125°C type
HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40掳C ~ 125掳C type
HIGH GRADE Specification HIGH RELIABILITY series SPI BUS Serial EEPROMs Supply voltage 2.5V~5.5V Operating temperature -40隆?C ~ 125隆?C type
Rohm
MJD47 MJD50 MJD47TF High Voltage and High Reliability D-PAK for Surface Mount Applications
FAIRCHILD[Fairchild Semiconductor]
SML-D12D8W WML-D12D8W1P WML-D12D8WT86P WML-D12D8WT Original device technology enables high brightness and high reliability
Rohm
http://
FJP5321 FJP5321TU NPN Triple Diffused Planar Silicon Transistor
High Voltage and High Reliability
FAIRCHILD[Fairchild Semiconductor]
CD261LK EC 105∑C Long Lifetime 10.000 - 12.000h High Reliability at High Voltage(Radial)
JIANGHAI[Jianghai Europe GmbH]
 
 Related keyword From Full Text Search System
CXXXTR5050M-SXX000 bridge CXXXTR5050M-SXX000 watt CXXXTR5050M-SXX000 application CXXXTR5050M-SXX000 Outputs CXXXTR5050M-SXX000 silicon
CXXXTR5050M-SXX000 microcontroller CXXXTR5050M-SXX000 ultra CXXXTR5050M-SXX000 siemens CXXXTR5050M-SXX000 LPE model CXXXTR5050M-SXX000 использование
 

 

Price & Availability of CXXXTR5050M-SXX000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.11619210243225