PART |
Description |
Maker |
FDS8858CZ |
Dual N & P-Channel PowerTrench? MOSFET N-Channel: 30V, 8.6A, 17.0mΩ P-Channel: -30V, -7.3A, 20.5mΩ Dual N & P-Channel PowerTrench㈢ MOSFET N-Channel: 30V, 8.6A, 17.0mヘ P-Channel: -30V, -7.3A, 20.5mヘ
|
Fairchild Semiconductor
|
STS2DNF30L |
N-CHANNEL 30V - 0.09 ohm - 3A SO-8 STripFETPOWER MOSFET N沟道30V 0.09欧姆-A的SO - 8 STripFET⑩功率MOSFET Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET N-CHANNEL 30V - 0.09 OHM - 3A SO-8 STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDMS867408 FDMS8674 |
N-Channel PowerTrench垄莽 MOSFET 30V, 21A, 5.0m楼? N-Channel PowerTrench庐 MOSFET 30V, 21A, 5.0m惟 N-Channel PowerTrench? MOSFET 30V, 21A, 5.0mΩ
|
Fairchild Semiconductor
|
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
FDB6670S FDP6670S FDB6670SNL |
30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ From old datasheet system 30V N-Channel PowerTrench SyncFET 62 A, 30 V, 0.0085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
STS5DNE30L 6147 |
N - CHANNEL 30V - 0.039 Ohm - 5A SO-8 STripFET POWER MOSFET N - CHANNEL 30V - 0.039ohm - 5A SO-8 STripFETO POWER MOSFET From old datasheet system N - CHANNEL 30V - 0.039 - 5A SO-8 STripFET TM POWER MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
FDS4435BZ07 FDS4435BZ |
P-Channel PowerTrench? MOSFET -30V, -8.8A, 20mΩ P-Channel PowerTrench㈢ MOSFET -30V, -8.8A, 20mヘ
|
Fairchild Semiconductor
|
FDP7030BLSS62Z FDB7030BLS |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 30V的五(巴西)直|6A条(丁)|63AB TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-220AB
|
Fairchild Semiconductor, Corp. ITT, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
FDS898407 FDS8984 |
N-Channel PowerTrench? MOSFET N-Channel PowerTrench庐 MOSFET N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench MOSFET 30V, 7A, 23mOhm 7 A, 30 V, 0.032 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
SI4435DY SI4435DYTR |
-30V Single P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V Rds(on)=0.020ohm Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm Power MOSFET(Vdss=-30V/ Rds(on)=0.020ohm SHROUD, PRIVACY; RoHS Compliant: Yes
|
IRF[International Rectifier]
|
|