PART |
Description |
Maker |
GLT44108 GLT44108-35FA GLT44108-35FB GLT44108-35FC |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 12k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, Fast Transient Response 5-SOT-23 12k × 8的CMOS动态RAM的快速页面模 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 12k × 8CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.8V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 Single Output LDO, 100mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 512k × 8的CMOS动态RAM的快速页面模 512K X 8 CMOS DYNAMIC RAM WITH FAST PAGE MODE 12k × 8的CMOS动态RAM的快速页面模 Multi-Color LED; LED Color:Red; Luminous Intensity:25ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:1.7V; Operating Temperature Range:-30 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Fixed(3.3V), Low Noise, Fast Transient Response 5-SOT-23 Single Output LDO, 100mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
GM71C4403DLJ-80 GM71C4403D-80 GM71C4403DT-70 GM71C |
MB 32C 32#20 PIN PLUG Single Output LDO, 1.0A, Fixed (5.0V), Low Noise, Fast Transient Response 6-SOT-223 -40 to 85 1,048,576 Words x Bit Organization 1,048,576字×位组织 Single Output LDO, 1.0A, Adj.(1.295 to 5.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 -40 to 85
|
LG Corp. LG, Corp.
|
RT9013-33PU5 RT9013-16PB RT9013-33GU5 RT9013-2HPQW |
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO稳压器快 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LDO超快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 00mA,低压差,低噪声超无旁路电容的CMOS LDO快速稳压器 500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator 500MA,低压差,低噪声,无旁路电容的CMOS LD超快速O稳压
|
Richtek Technology, Corp.
|
ADF4193BCPZ ADF4193BCPZ-RL |
Low Phase Noise, Fast Settling PLL Frequency Synthesizer PLL FREQUENCY SYNTHESIZER, 3500 MHz, QCC32 Low Phase Noise, Fast Settling PLL Frequency Synthesizer 低相位噪声,快速设置的锁相环频率合成器
|
Analog Devices, Inc.
|
LT1764 LT1764-1.5 LT1764-1.8 LT1764-2.5 LT1764-3.3 |
3A, Fast Transient Response, Low Noise,LDO Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PSSO5 3A, Fast Transient Response, Low Noise,LDO Regulators 1.8 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise,LDO Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PSSO5 3A/ Fast Transient Response/ Low Noise/LDO Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
BYW29FP-200 5011 BYW29G-200 BYW29-200 BYW29F-200 B |
Low noise low drop voltage regulator with shutdown function From old datasheet system HIGH EFFICIENCY FAST RECOVERY DIODES HIGH EFFICIENCY FAST RECOVERY DIODES
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LT1963AMPS8 LT1963AES8-3.3PBF LT1963AEFE-3.3 LT196 |
1.5A, Low Noise,Fast Transient Response LDO Regulators
|
Linear Technology
|
NCP582DSQ18T1G NCP582DSQ15T1G NCP582DSQ25T1G NCP58 |
Ultra-Fast, Low Noise 150 mA CMOS LDO
|
ON Semiconductor
|
LR8558-32PRM LR8558-32PRN LR8558-32PSB LR8558-32PS |
Low noise, fast response 500mA LDO regulato
|
Leshan Radio Company
|
LT1963AEST-2.5 LT1963AEQ LT1963AEQ-1.5 LT1963AEQ-1 |
1.5A, Low Noise, Fast Transient Response LDO Regulators 1.5A/ Low Noise/ Fast Transient Response LDO Regulators
|
LINER[Linear Technology]
|
LT1764EFE LT1764EFE-1.5 LT1764EFE-1.8 LT1764EFE-2. |
3A, Fast Transient Response, Low Noise,LDO Regulators
|
Linear Technology
|
|