PART |
Description |
Maker |
R216CH12FKO R216CH12CJO R216CH12CHO R325CH02CJO R3 |
879.2 A, 1200 V, SCR, TO-200AB 1852.6 A, 200 V, SCR 1891.85 A, 1800 V, SCR 1271.7 A, 200 V, SCR, TO-200AC 1271.7 A, 400 V, SCR, TO-200AC 1271.7 A, 600 V, SCR, TO-200AC 1271.7 A, 1000 V, SCR, TO-200AC 1271.7 A, 800 V, SCR, TO-200AC 1998.61 A, 1200 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
VSKT25016PBF VSKT17016PBF |
SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
|
Vishay Siliconix
|
MP03XXX190-12 MP03XXX190 MP03XXX190-08 MP03XXX190- |
Phase Control Dual SCR, SCR/Diode Modules 相位控制双可控硅,SCR /二极管模
|
Dynex Semiconductor, Ltd. DYNEX[Dynex Semiconductor]
|
VSK170PBF |
SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
|
Vishay Siliconix
|
2N5064AP T107E141 S0510LS253V S1008LS253V EC103A75 |
0.8 A, 200 V, SCR, TO-92 4 A, 500 V, SCR 10 A, 50 V, SCR, TO-220AB 8 A, 100 V, SCR, TO-220AB 0.8 A, 100 V, SCR, TO-92 6 A, 50 V, SCR, TO-220AB 6 A, 100 V, SCR, TO-220AB 4 A, 300 V, SCR, TO-202AB 8 A, 50 V, SCR, TO-202AB 4 A, 50 V, SCR, TO-202AB 10 A, 100 V, SCR, TO-220AB
|
|
TTB6C75N08KOF TDB6HK110N06KOF TDB6HK110N12KOF |
60 A, 800 V, SCR 90 A, 600 V, SCR 90 A, 1200 V, SCR
|
|
S4014BH TXN258 X0202DA X0402DE X0403ME S0402NH |
40 A, 200 V, SCR, TO-220AB TO-220AB, 3 PIN 8 A, 200 V, SCR, TO-220AB 1.25 A, 400 V, SCR, TO-92 4 A, 400 V, SCR, TO202-1 4 A, 600 V, SCR, TO202-1 4 A, 800 V, SCR, TO-220AB
|
STMICROELECTRONICS
|
SK012D S8025L SK055N |
12 A, 1000 V, SCR, TO-252 25 A, 800 V, SCR, TO-220AB 55 A, 1000 V, SCR, TO-263AB
|
|
22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 |
800V 22A Phase Control SCR in a TO-208AA (TO-48) package 1600V 35A Phase Control SCR in a TO-208AA (TO-48) package 1400V 35A Phase Control SCR in a TO-208AA (TO-48) package 1200V 22A Phase Control SCR in a TO-208AA (TO-48) package 1000V 22A Phase Control SCR in a TO-208AA (TO-48) package 100V 22A Phase Control SCR in a TO-208AA (TO-48) package 600V 22A Phase Control SCR in a TO-208AA (TO-48) package MEDIUMPOWERTHYRISTORS 400V 22A Phase Control SCR in a TO-208AA (TO-48) package Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
ST083S10PFH2PBF ST083S04PCN1PBF ST083S08PCN1L ST08 |
135 A, 1000 V, SCR, TO-208AD 135 A, 400 V, SCR, TO-209AC 135 A, 800 V, SCR, TO-209AC 135 A, 1200 V, SCR, TO-209AC
|
|
C390MX500 C390AX500 C390BX500 C390CX500 C390DX500 |
CAP 2700PF 200V 200V X7R RAD.20 .30X.30 BULK R-MIL-PRF-39014 STANDOFF 975 A, 600 V, SCR Phase Control SCR 620 Amperes Avg 100-600 Volts 975 A, 200 V, SCR
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
|