PART |
Description |
Maker |
113-330-04 113-305-0413 113-311-04 113-314-04 113- |
pcb led indicators Colour diffused lens
|
Marl International Limited Marl International Limi...
|
MV60539.MP5 MV60539.MP6 MV60539.MP7 MV60539.MP8 MV |
Variable Frequency Drive Composite Cable; Composite Conductor Types:3 Conductors 1 Pair; Number of Conductors:5; Conductor Size AWG:16-10; No. Strands x Strand Size:26 x 30, 105 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes RECTIFIER SCHOTTKY DUAL 15A 30V 150A-ifsm 0.84V-vf 0.1mA-ir TO-220AB 50/TUBE N-Channel MOSFETs (20V
250V); Package: PG-TO263-3; Package: D2PAK (TO-263); VDS (max): 100.0 V; RDS (on) (max) (@10V): 33.0 mOhm; RDS (on) (max) (@4.5V): -; ID (max): 27.0 A; TRANS PREBIASED PNP 200MW SOT23 Circular Connector; No. of Contacts:55; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-35 Circular Connector; No. of Contacts:26; Series:TVS06; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 PC PARALLEL ADAPTER, DB25F N-Channel MOSFETs (20V
250V); Package: PG-TO263-3; Package: D2PAK (TO-263); VDS (max): 100.0 V; RDS (on) (max) (@10V): 33.0 mOhm; RDS (on) (max) (@4.5V): -; ID (max): 27.0 A; SLIMLINE DIN 8 M TO DB9 MALE PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, YELLOW, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 DUAL COLOR LED ARRAY, RED/GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, GREEN, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm PTSE 5C 5#16 PIN PLUG T-1 SINGLE COLOR LED, RED, 3 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, GREEN, 5 mm TV 26C 26#20 PIN WALL RECP T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, RED, 5 mm PCB MOUNT LED INDICATORS T-1 DUAL COLOR LED ARRAY, BRIGHT RED/GREEN, 3 mm CAP POLYPROPYLENE .0082UF 50V 2% T-1 3/4 SINGLE COLOR LED, RED, 5 mm RECTIFIER SCHOTTKY DUAL 10A 80V 120A-ifsm 0.85V-vf 0.1mA-ir TO-220AB 50/TUBE T-1 3/4 SINGLE COLOR LED, RED, 5 mm RECTIFIER SCHOTTKY SINGLE 16A 30V 150A-ifsm 0.63V-vf 0.2mA-ir TO220AC 50/TUBE T-1 3/4 SINGLE COLOR LED, RED, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED ARRAY, YELLOW, 3 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm PCB MOUNT LED INDICATORS T-1 SINGLE COLOR LED, YELLOW, 3 mm Filter Unit Analog P/H/G 400 cfm 115VAC RoHS Compliant: Yes T-1 3/4 SINGLE COLOR LED ARRAY, RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED, RED, 5 mm PCB MOUNT LED INDICATORS T-1 3/4 SINGLE COLOR LED ARRAY, HIGH EFFICIENCY RED, 5 mm Variable Frequency Drive Composite Cable; Composite Conductor Types:3 Conductors 1 Pair; Number of Conductors:5; Conductor Size AWG:16-12; No. Strands x Strand Size:26 x 30, 65 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes PCB MOUNT LED INDICATORS
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. QT Optoelectronics
|
533-111-63 533-111-75 533-114-63 533-114-75 533-10 |
T-4 SINGLE COLOR LED, RED, 10 mm PROFESSIONAL LED INDICATORS ?12.7mm Mounting PROFESSIONAL LED INDICATORS 篓陋12.7mm Mounting
|
MARL INTERNATIONAL LTD Marl International Limited
|
MT2064-OYCT MT2064-RYCT MT2064-ROCT MT2064-RGCT MT |
Bi-Color Packaged LEDS/PCB Mount Indicators
|
MARKTECH[Marktech Corporate]
|
528-501-23-15 528-521-23-15 528-521-21-19 528-521- |
PROFESSIONAL LED INDICATORS ?13mm Mounting PROFESSIONAL LED INDICATORS ?13mm Mounting PROFESSIONAL LED INDICATORS 篓陋13mm Mounting
|
Marl International Limited
|
MT4164S3-HR MT4164S3-O MT2164S3-G MT1164S3-RG MT31 |
Packaged LEDS/PCB Mount Indicators 封装LED / PCB安装指标
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
643-512-04 643-509-04 643-930-04 643-997-04 643-50 |
PROFESSIONAL LED INDICATORS 篓陋8.1mm Mounting PROFESSIONAL LED INDICATORS ?8.1mm Mounting PROFESSIONAL LED INDICATORS ?8.1mm Mounting
|
Marl International Limited
|
695-501-20-15 695-501-21 695-501-22-52 695-501-23 |
PROFESSIONAL LED INDICATORS ?12.7mm Mounting PROFESSIONAL LED INDICATORS ?12.7mm Mounting PROFESSIONAL LED INDICATORS 篓陋12.7mm Mounting
|
Marl International Limited
|
503-506-75-15 503-930-75-15 503-503-24-50 503-521- |
PROFESSIONAL LED INDICATORS ?8.1mm Mounting PROFESSIONAL LED INDICATORS ?8.1mm Mounting PROFESSIONAL LED INDICATORS 篓陋8.1mm Mounting
|
Marl International Limited
|
512-540-21 512-521-04 512-521-20 512-521-22 512-52 |
PROFESSIONAL LED INDICATORS 篓陋12.7mm Mounting PROFESSIONAL LED INDICATORS ?12.7mm Mounting PROFESSIONAL LED INDICATORS ?12.7mm Mounting
|
Marl International Limited
|
651-114-21 651-114-23 651-111-21 651-111-23 651-10 |
PROFESSIONAL LED INDICATORS 篓陋12.7mm Mounting PROFESSIONAL LED INDICATORS ?12.7mm Mounting
|
Marl International Limited http://
|
1910X004 |
LED Indicator 8mm Superflat Bezel Tri-Colour LED
|
Chicago Miniature Lamp,inc
|