PART |
Description |
Maker |
90147-1316 90147-1329 90147-1228 90147-1225 90147- |
C-Grid PCB Conn SR Vt Au-F 16Ckt 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 29Ckt 29 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 28Ckt 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 901471225 25 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 23Ckt 23 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 31Ckt 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Tn-A 14Ckt 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 14Ckt 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Tn-A 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 13Ckt 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 21Ckt 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 901471317 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Tn-A 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 7Ckt 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 18Ckt 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
47150-0003 47150-0002 |
EJECTOR-EX.CARD SLOT WITH P-P MECH.TOP PCB CONNECTOR CONN EXPRESSCARD HDR 26POS TOP PCB CONNECTOR
|
Molex, Inc.
|
EB81-S0L1060W EB83-S0K1260X EB83-S0K2240Y-101 VISH |
EB81-L10SGW T02 CONNECTOR, EDGE CONNECTOR,PCB MNT,RECEPT,24 CONTACTS,0.156 PITCH,WRAP POST TERMINAL,HOLE .125-.137 EDGEBRD,18POS,THREAD INSERT MNT,DUAL READ,0.156(3.96)CTR - Bulk CONNECTOR, EDGE CONNECTOR,CABLE MNT,48 CONTACTS,2,SOLDER TERMINAL,HOLE .125-.137 CONNECTOR, EDGE CONNECTOR,PCB MNT,RECEPT,72 CONTACTS,0.125 PITCH,PC TAIL TERMINAL,LOCKING EB81-A12SGFX T02 EB83-A12SGFV T02 CONNECTOR, EDGE CONNECTOR,PCB MNT,RECEPT,44 CONTACTS,0.156 PITCH,WRAP POST TERMINAL,LOCKING EDGEBRD,6POS,ST-NO MNT FLNGE,SNGL READ,0.125(3.17)CTR,S-DIP - Bulk
|
Vishay Dale
|
0482016048 48201-6048 |
D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits, 2 pcs M3 Inner Thread Screw Attached, 0.76μm (30μ) Gold (Au) Plating, PCB Thickness 1.60mm (.063) MOLEX Connector
|
Molex Electronics Ltd.
|
M502-6860942 |
SD Memory Card Connector, Half Size, Normal, Manual type PCB CONNECTOR, SOCKET
|
Harwin PLC
|
0719731031 71973-1031 |
2.54mm (.100) Pitch C-Grid? PCB Connector, Dual Row, Right Angle, Early EntryReceptacle, with Flange, 62 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
39900-1110 |
Connector; Pitch Spacing:0.15"; Mounting Type:PCB; Gender:Header; No. of Contacts:10; No. of Rows:1 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
0901522118 90152-2118 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 18 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522160 90152-2160 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 60 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522134 90152-2134 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 34 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0901522106 90152-2106 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 6 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
|