PART |
Description |
Maker |
30-05-01-502-03 46-05-07-502-07 30-01-04-500-07 46 |
Decorator Line Pushbuttons PUSHBUTTON SWITCH, SPST, MOMENTARY, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SPDT, ALTERNATE, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, DPDT, ALTERNATE, PANEL MOUNT Sleek Black Matte Bezel Convenient Snap-In Front Mount
|
Grayhill, Inc. GRAYHILL INC
|
5559-14P-210 |
4.20mm (.165) Pitch Mini-Fit Jr.?/a> Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-0, Panel Mount, 14 Circuits
|
Molex Electronics Ltd.
|
U025001PM |
USB 2.0 Hi-Speed Panel Mount Extension Cable (B to Panel Mount B M-F), 1-ft
|
Tripp Lite. All Rights ...
|
C-141-1250AC-FDFB-SLC2 C-141-1250AC-FDFB-SLC2-G5 C |
1.25 Gbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1585-1598nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1445-1458nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
KWDCTAAD KWDCTAAB KWDCTAAM KWDCTAAG KWDCTAAQ KWDCT |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 11.84mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 8mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 23.34mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.48mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 9.93mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.83mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2.46mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.03mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 9.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 5.42mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.46mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.92mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 23.34mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 9.56mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 2.46mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 4.83mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.05A, 28VDC, 5.03mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
PICOD PICOD-111-AK PICOD-111-AL PICOD-111-AL_D PIC |
Pushwheel Switches, Subminiature, Panel Mount, Dual Button THUMB/PUSHWHEEL SWITCH-1SWITCHES, HEXADECIMAL COMPLEMENT, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, HEXADECIMAL, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, BCD COMPLEMENT, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, BINARY CODED DECIMAL, 0.02A, 20VDC, PANEL MOUNT
|
Tyco Electronics IXYS, Corp.
|
OL3450L-A-SFMUJ-S2 OL4451L-B-AFMUJ-S1 OL5451L-B-AF |
FIBER OPTIC LASER DIODE MODULE EMITTER, 1300-1320nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR FIBER OPTIC LASER DIODE MODULE EMITTER, 1480-1500nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR FIBER OPTIC LASER DIODE MODULE EMITTER, 1510-1530nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR FIBER OPTIC LASER DIODE MODULE EMITTER, 1620-1640nm, PANEL MOUNT, THROUGH HOLE MOUNT, MU-J CONNECTOR
|
LAPIS SEMICONDUCTOR CO LTD
|
H-115P H-116P H-117P H-83P |
TRIMPOT? POTENTIOMETER PANEL MOUNTING OPTIONS AND HARDWARE Factory Installed Panel Mount
|
Bourns Electronic Solut...
|
SRN91-14SBB CGA3-BB79 |
ROCKER SWITCH, SPDT, MOMENTARY, PANEL MOUNT ROCKER SWITCH, DPST, LATCHED, 20A, 12VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
B24B-KRWHK-F-1D BU05P-TR-PC-H BU15P-TR-P-H BU22P-T |
24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 5-5 CONTACT(S), MALE-MALE, PANEL MOUNT, PCB ADAPTER 15-15 CONTACT(S), MALE-MALE, PANEL MOUNT, PCB ADAPTER 22-22 CONTACT(S), MALE-MALE, PANEL MOUNT, PCB ADAPTER 16-16 CONTACT(S), MALE-MALE, PANEL MOUNT, PCB ADAPTER 18-18 CONTACT(S), MALE-MALE, PANEL MOUNT, PCB ADAPTER
|
J S T MFG CO LTD
|
CT2-GI1LFTD31C CT2-GI1PFTD31C CT2-GI2LFTD31C CT2-G |
OC-48 SFP Transceiver (Multirate, 1310 nm, and 1550 nm) FIBER OPTIC TRANSCEIVER, 1430-1580nm, 2700Mbps(Tx), 2700Mbps(Rx), PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1500-1580nm, 2700Mbps(Tx), 2700Mbps(Rx), PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1266-1360nm, 2700Mbps(Tx), 2700Mbps(Rx), PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 2700Mbps(Tx), 2700Mbps(Rx), PANEL MOUNT, LC CONNECTOR
|
JDS Uniphase Corporation JDS Uniphase Corporatio...
|
|