PART |
Description |
Maker |
2N3906 2N3904 2N3417 2N4123 2N4125 2N4124 2N4400 2 |
Small Signal Transistors 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 ; Connector Type A:TX6 PLUS Modular Plug; Cable Length:10ft; Color:Off-white Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BF337 BFR36 2N5785 2N6192 BC460 BFX34 BFS89 BFS95 |
Small Signal Transistors 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. N.A. CENTRAL[Central Semiconductor Corp]
|
2N947 2N709A 2N930B 2N720A 2N726 2N718A 2N760A 2N8 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Seme LAB Microsemi Corporation CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
MPSA42 MPSA43 |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TRANSISTOR 500 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92, PLASTIC PACKAGE-3, BIP General Purpose Small Signal
|
VISHAY SEMICONDUCTORS
|
2N6430 2N6433 |
COMPLEMENTART SILICON TRANSISTOR 100 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp]
|
DDTC114WE DDTC114WE-7 DDTC114YE DDTC114YE-7 DDTC12 |
SNAP LOCK CABLE MARKER - W 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 4-Indent D-Sub Crimper; For Use With:4-Indent Closed-Barrel D-Sub Contacts; Color:Red; Series:1440; Wire Size (AWG):20-12 RoHS Compliant: Yes npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
GS9012 |
TRANSISTOR 500 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA, PLASTIC, TO-92, 3 PIN, BIP General Purpose Small Signal
|
Vishay Semiconductors
|
DTB113ZLTL3 DTB123TAC2 DTB133HA DTC343TAC2 DTB123E |
500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR FTL, 3 PIN 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 600 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
FMMT2907ATA FMMT2907ATC BSS67TC BSS80B BSS80BTC HT |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 800 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC ZETEX PLC
|
P038 MPSD01 |
500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
|