PART |
Description |
Maker |
PMFR2504 PMFR2506 PMFR2502 PMFR2502-2506 |
25.0 Amp MOTOROLA TYPE AUTO PRESSFIT High surge current capability
|
First Components International FCI connector
|
PMFR3502-3506 PMFR3504 PMFR3506 |
35.0 Amp MOTOROLA TYPE AUTO PRESSFIT High surge current capability
|
FCI connector First Components International
|
PFFR5002 PFFR5004 PFFR5006 |
50.0 Amp FLAG TYPE AUTO PRESSFIT Low forward voltage drop
|
First Components International
|
R1140Q R1140Q151D-TL R1140Q281D-TL R1140Q151D-TR R |
120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Taping type TL. CAPACITOR, CASE S, 1UF, 35V; Application:Solid; Capacitance:1uF; Tolerance, capacitance:10%; Series:TAJ; Voltage, rating:35V; Capacitor dielectric type:Tantalum Electrolytic; Case style:S; Current, leakage:0.5uA; Depth, RoHS Compliant: Yes SC82 120mA LDO REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Standard taping type TR.
|
RICOH electronics devic... Ricoh Co., Ltd.
|
FDR5004 FDR5002 FDR5006 FDR5000 |
50.0 Amp DISH AUTO DIODES Low forward voltage drop 50.0 Amp DISH AUTO DIODES
|
First Components Intern... FCI connector
|
MD3501 MD3502 |
(MD3500 - MD3506) 35A MOTOROLA TYPE PRESS-FIT DIODE
|
Won-Top Electronics
|
AD8563 |
Auto Zero In-Amp
|
Analog Devices
|
AD8563 AD8563ARMZ-R2 AD8563ARMZ-REEL |
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
|
Analog Devices
|
BC846ALT1 BLT147ALT1 BC849ALT1 ON0160 |
BC846, BC847 and BC848 are Motorola Preferred Devices BC846, BC847 and BC849 are Motorola Preferred Devices General Purpose Transistors(NPN Silicon) From old datasheet system
|
ONSEMI[ON Semiconductor]
|
B5002 B5006 B5004 BYFR5004 BYFR5002 BYFR5006 |
50.0 Amp Y-LEAD BLOCK AUTO DIODES
|
First Components International First Components Intern...
|
AD8538 |
Low Power, Precision, Auto-Zero Op Amp (5-lead TSOT-23)
|
Analog Devices
|
1274232-2 |
Coaxial Snap-Lock ( Auto ); CONTACT,FEMALE,RG62U ( AMP )
|
Tyco Electronics
|