PART |
Description |
Maker |
PMFR3502-3506 PMFR3504 PMFR3506 |
35.0 Amp MOTOROLA TYPE AUTO PRESSFIT High surge current capability
|
FCI connector First Components International
|
PHFR3502-3506 |
35.0 Amp HITACHI TYPE AUTO PRESSFIT
|
FCI connector
|
PHFR2502 PHFR2504 PHFR2506 |
25.0 Amp HITACHI TYPE AUTO PRESSFIT High surge current capability
|
First Components International
|
PIFR5004 PIFR5006 |
50.0 Amp INSULATE FLAG TYPE AUTO PRESSFIT High surge current capability
|
First Components International
|
R1140Q R1140Q151D-TL R1140Q281D-TL R1140Q151D-TR R |
120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Taping type TL. CAPACITOR, CASE S, 1UF, 35V; Application:Solid; Capacitance:1uF; Tolerance, capacitance:10%; Series:TAJ; Voltage, rating:35V; Capacitor dielectric type:Tantalum Electrolytic; Case style:S; Current, leakage:0.5uA; Depth, RoHS Compliant: Yes SC82 120mA LDO REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option without auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Taping type TL. 120mA LDO regulator IC. Output voltage 3.0V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option with auto discharge function at OFF state. Standard taping type TR. 120mA LDO regulator IC. Output voltage 3.8V. Mask option without auto discharge function at OFF state. Standard taping type TR.
|
RICOH electronics devic... Ricoh Co., Ltd.
|
MD35160 |
35A HIGH VOLTAGE MOTOROLA TYPE PRESS-FIT DIODE
|
Won-Top Electronics
|
AD8638ARJZ-R2 AD8639ACPZ-R2 AD8639ARMZ AD8639ARZ-R |
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 23 uV OFFSET-MAX, 1.35 MHz BAND WIDTH, PDSO5 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ISL12023IVZ-T |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving; Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R REAL TIME CLOCK, PDSO14 Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Day Light Saving; Temperature Range: -40°C to 85°C; Package: 14-TSSOP REAL TIME CLOCK, PDSO14
|
Intersil, Corp.
|
B5002 B5006 B5004 BYFR5004 BYFR5002 BYFR5006 |
50.0 Amp Y-LEAD BLOCK AUTO DIODES
|
First Components International First Components Intern...
|
ISL12020MIRZ ISL12020MIRZ-T ISL12020M |
Low Power RTC with Battery Backed SRAM, Integrated 卤5ppm Temperature Compensation and Auto Daylight Saving Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving Real Time Clock with Embedded Crystal, ±5ppm Accuracy; Temperature Range: -40°C to 85°C; Package: 20-DFN REAL TIME CLOCK, PDSO20 Real Time Clock with Embedded Crystal, ±5ppm Accuracy; Temperature Range: -40°C to 85°C; Package: 20-DFN T&R
|
Intersil Corporation Intersil, Corp.
|
MX171 MX171MC MX171PC |
AMPLITUDE TYPE AUTO FOCUS IC
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|