PART |
Description |
Maker |
8344AH 8044AH P8744AH |
IC LOGIC 3244 HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH 5V -40 85C QSOP-20 3000/REEL HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER 高性能8位单片机,带有对串行通信控制器芯 HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PDIP40
|
Intel Corp. Intel, Corp. Maxim Integrated Products, Inc.
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
FM27C512Q FM27C512N90 FM27C512V120 FM27C512V150 FM |
512K-Bit (64K x 8) High Performance CMOS EPROM 524,288-Bit (64K x 8) High Performance CMOS EPROM 524/288-Bit (64K x 8) High Performance CMOS EPROM Capacitors.. 100 PIECE MIN.. NC/NR
|
FAIRCHILD[Fairchild Semiconductor] PROM
|
IDT74FCT821ALB IDT74FCT821AL IDT54FCT821ALB IDT54F |
DIODE SWITCH 80V 100MA S-MINI 3P CAP 0.82UF 25V 10% X7R SMD-1210 TR-7-PL SN-NIBAR HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS FCT SERIES, 9-BIT DRIVER, TRUE OUTPUT, CDFP24 HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS FCT SERIES, 9-BIT DRIVER, TRUE OUTPUT, CDIP24 HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS 高性能CMOS总线接口寄存
|
Integrated Device Techn... http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT79RC64T575-200DP IDT79RC64575 |
High performance 64-Bit Microprocessor High performance 64-bit Microprocessor **NOT RECOMMENDED FOR NEW DESIGNS**
|
IDT
|
AM29PL320DB60R AM29PL320DT90 AM29PL320DB70 AM29PL3 |
32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 1M X 32 FLASH 3V PROM, 60 ns, PBGA84 32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 32兆位米16 1个M × 32位)的CMOS 3.0伏,不仅具备高性能页面模式闪存
|
Spansion, Inc. Spansion Inc. Advanced Micro Devices
|
TMP8700CH TMP8700CS TMP8700CK TMP8700CP TMPA8700CS |
High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成6K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成0K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成4K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能CMOS 8位微控制器(芯片集成8K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM??AM,8-Bit A/D Converter,Remote Control Singnal Processor(楂??????ц???MOS 8浣?井?у??????????浜?2K瀛??ROM锛?K瀛??浣?AM,8浣?/D杞?????杩???у?淇″?澶?????)
|
Toshiba Corporation
|
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
TMP47C415 TMP47C215 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
ATF22V10C ATF22V10C-10JC ATF22V10C-10JI ATF22V10C- |
High Performance E2 PLD FLASH PLD, 10 ns, PDIP24 Quad Flow through Driver FLASH PLD, 10 ns, PDSO24 High Performance E2 PLD FLASH PLD, 5 ns, PQCC28 High Performance E2 PLD E2类高性能可编程逻辑器件 High Performance E2 PLD FLASH PLD, 7.5 ns, PQCC28 LVDS Dual 2x2 Bi-Directional Crosspoint/Repeater
|
ATM Electronic, Corp. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
5962-9951901QYA 5962-9951902QYA 5962-9952001QYA 59 |
5V, ISR high-performance CPLDs, 64 macrocells, 125MHz 5V, ISR high-performance CPLDs, 64 macrocells, 154MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 128 macrocells, 83MHz 3.3V, ISR high-performance CPLDs, 256 macrocells, 66MHz 5V, ISR high-performance CPLDs, 512 macrocells, 100MHz 3.3V, ISR high-performance CPLDs, 512 macrocells, 66MHz 3.3V, ISR high-performance CPLDs, 64 macrocells, 143MHz
|
Cypress
|
|