PART |
Description |
Maker |
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
LTC1142-ADJ LTC1142HV-ADJ LTC1142HVCG-ADJ LTC1142L |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OCTAL BUS TRANSCEIVER O.C. 20-SO 0 to 70
|
Linear Technology Corporation
|
LTC1438 LTC1439 LTC1439IG LTC1439IGW LTC1438IG-ADJ |
From old datasheet system Dual High Efficiency/ Low Noise/ Synchronous Step-Down Switching Regulators Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
LINER[Linear Technology]
|
BD9012KV BD9012KV-E2 |
Dual-output, high voltage, high-efficiency step-down switching controller
|
Rohm
|
MAX8743 MAX8743ETX MAX8743EEI |
Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
|
MAXIM[Maxim Integrated Products]
|
PAM2308EN1YMBA PAM2308FB1YMBA PAM2308VIN2YMBA PAM2 |
Dual High-Efficiency PWM Step-Down DC-DC Coverter
|
Power Analog Micoelectr... Power Analog Micoelectronics http://
|
LTC1267_02 LTC1267 LTC1267-ADJ LTC1267-ADJ5 LTC126 |
Dual High Efficiency Synchronous Step-Down Switching Regulators
|
LINER[Linear Technology]
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|