PART |
Description |
Maker |
CD54AC257F3A |
LOGIC MUX|QUAD|2-INPUT|AC-CMOS|DIP|16PIN|CERAMIC 逻辑复用器|四| 2输入|交流的CMOS |双酯| 16PIN |陶瓷
|
TE Connectivity, Ltd.
|
MAX4694EGE-T |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/Quad SPDT in UCSP Package QUAD 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PQCC16
|
Maxim Integrated Products, Inc.
|
ADG819 ADG820 |
0.5 ohms CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switch with BBM Switching Action 0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches 0.5欧姆的CMOS 1.8 V.5 V 2:1复用/ SPDT开 0.5 ohms CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switch with MBB Switching Action
|
Analog Devices, Inc.
|
ADG819BRMZ ADG819BRM-R2 ADG820BRT |
0.5 O CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switch with BBM Switching Action 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8 0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
|
Analog Devices, Inc. ANALOG DEVICES INC
|
SY87724L SY87724LH1 |
3.3V AnyRateTM MUX/DEMUX Up to 2.7GHz From old datasheet system 3.3V AnyRate MUX/DEMUX Up to 2.7GHz
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc.
|
ACS406CS ACS9010 ACS4060 |
4 x E1/T1 Fiber Mux/De-mux over One Fiber Optic Cable
|
SEMTECH[Semtech Corporation] STMicroelectronics
|
MAX7000 MAX7000S EPM7128E EPM7128S EPM7256E EPM725 |
Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 10ns MAX 7000 Programmable Logic Device Family
|
ATERA Altera Corporation
|
IDT79R4640 IDT79R4640-100DU IDT79R4640-100DUI IDT7 |
Smart Power Module for Front-End Rectifier; Package: SPM27-HA; No of Pins: 27; Container: Rail 64-BIT, 150 MHz, RISC PROCESSOR, PQFP128 Low-cost embedded 64-bit RISController w/DSP capability 低成本嵌入式64位RISC微处理器瓦特/ DSP性能 Low-Cost Embedded 64-bit RISController w/ DSP Capability 低嵌入式64位RISController瓦特/ DSP处理能力的成 Low-Cost Embedded 64-bit RISController w/ DSP Capability 64-BIT, 80 MHz, RISC PROCESSOR, PQFP128 IC LOGIC 1G125 SINGLE FET BUS SWITCH WITH LEVEL SHIFTING -40 85C SOT-23-5 3000/REEL IC LOGIC 3306 DUAL FET BUS SWITCH -40 85C TSSOP-8 158/TUBE 2-Bit Bus Switch w/Individual High Enables IC, PI5C3303, 2:1 MUX/DEMUX BUS SWITCH 5-Bit, 4-Port Bus Exchange Switch IC LOGIC 3383 10-BIT FET BUS-EXCHANGE SWITCHES -40 85C TSSOP-24 62/TUBE FPF1009 - IntelliMAX Advanced Load Products; Package: MicroFET; No of Pins: 6; Container: Tape & Reel IC 5-BIT 4-PORT BUS SW 24-QSOP IntelliMAX Advanced Load Management Products; Package: 1.0x1.5 WL-CSP; No of Pins: 6; Container: Tape & Reel NMB SERIES CAP 4700PF 100V 100V X7R RAD.20 .20X.20 BULK R-MIL-PRF-39014 STANDOFF CAP 3900PF 100V 100V X7R RAD.20 .20X.20 BULK R-MIL-PRF-39014 STANDOFF CAP 4700PF 100V 100V X7R RAD.20 .20X.20 TR-16 R-MIL-PRF-39014 DEMA9SNMK47F0 Smart Power Module(SPM) for Front-End Rectifier; Package: SPM27-IA; No of Pins: 27; Container: Rail IC 2:1 MUX/DEMUX BUS SW SOT23-6 Smart Power Module for Front-End Rectifier; Package: SPM27-GA; No of Pins: 27; Container: Rail 2:1 Mux/Demux Bus Switch From old datasheet system R4640 Low Cost 64-Bit RISC CPU w/32-Bit Bus
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
TSC390 TSC395 TSC391 TSC392 TSC393 TSC394 TSC391AL |
FPGA, CYCLONE III, 80K LE, 780FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:429; IC FLEX 6000 FPGA 10K 100-TQFP IC CYCLONE III FPGA 80K 484 UBGA Dual Interface Buffers
|
MICROSEMI[Microsemi Corporation]
|
ADG784 ADG784BCP |
ADMC200 & ADMC201 Motion Coprocessors CMOS 3 V/5 V Wide Bandwidth Quad 2:1 Mux in Chip Scale Package CMOS 3 V/5 V/ Wide Bandwidth Quad 2:1 Mux in Chip Scale Package CMOS 3 V/5 V, Wide Bandwidth Quad 2:1 Mux in Chip Scale Package
|
AD[Analog Devices]
|