PART |
Description |
Maker |
BCF240T |
30.4 dBm Typical Output Power
|
BeRex Corporation
|
MSM54V32162A |
131,072-Word ×32-Bit DYNAMIC RAM(128k字32位动态RAM) 131,072词32位动态随机存储器28K的字× 32位动态内存)
|
STMicroelectronics N.V.
|
TC105303ECT TC105333ECT TC105503ECT TC105 TC105303 |
The TC105 is a step-down (Buck) switching controller that furnishes output currents of up to 1A (max) while delivering a typical ... The TC105 is a step-down (Buck) switching controller that furnishes output currents of up to 1A (max) whiledelivering a typical efficiency of 92%. The TC105 normally operates in pulse width modulation mode (PWM), but automatically switches PFM/PWM Step-Down DC/DC Controller
|
MICROCHIP[Microchip Technology]
|
HMC1114LP5DETR EVL1HMC1114LP5D |
High output IP3: 44 dBm typical
|
Analog Devices
|
MCP6547 MCP6549 MCP6546 MCP6548 MCP6547-I/MS MCP65 |
The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the sixteen lead The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead PD The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead The MCP6548 is an Open Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... OPEN-DRAIN OUTPUT SUB-MICROAMP COMPARATORS
|
MICROCHIP[Microchip Technology]
|
V23990-P825-F-P2-19 |
Typical average static loss as a function of output current
|
Vincotech
|
V23990-P825-F10-P2-19 |
Typical average static loss as a function of output current
|
Vincotech
|
Q62702-G0042 BGA312 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
M3500-0510 |
500-1000 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
|
Micronetics, Inc.
|
M3500-0204 |
200-400 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
|
Micronetics, Inc.
|
MCP6142 MCP6144 MCP6143 MCP6141 MCP6142-I/MS MCP61 |
600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps The MCP6142 is a dual 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier ... The MCP6143 is a single with chip select 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. ... The MCP6141 is a single 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier has a typical GBWP of 100kHz with a maximum quiescent current of 1 microampere. The MCP6142 is a dual 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier has a typical GBWP of 100kHz with a maximum quiescent current of 1 microampere. The MCP6143 is a single with chip select 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier has a typical GBWP of 100kHz with a maximum quiescent current of 1 microampere. The MCP6144 is a quad 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier has a typical GBWP of 100kHz with a maximum quiescent current of 1 microampere. The MCP6144 is a quad 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier ... The MCP6141 is a single 600nA op amp offering rail to rail input & output over the 1.4 to 5.5V operating range. This amplifier ...
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|