PART |
Description |
Maker |
ATV750 ATV750-20DM ATV750-20DM_883 ATV750-20GM ATV |
THERMISTOR GLASS 250 OHM DO-35 UV PLD, 25 ns, CDIP24 THERMISTOR GLASS 1K OHM DO-35 OT PLD, 25 ns, PDIP24 THERMISTOR GLASS 10K OHM DO-35 OT PLD, 25 ns, PDIP24 THERMISTOR GLASS 30K OHM DO-35 UV PLD, 25 ns, CDIP24 High Density UV Erasable Programmable Logic Device OT PLD, 20 ns, PDIP24 High Density UV Erasable Programmable Logic Device OT PLD, 20 ns, PDSO24 High Density UV Erasable Programmable Logic Device UV PLD, 20 ns, CDIP24 High Density UV Erasable Programmable Logic Device OT PLD, 20 ns, PQCC28 High Density UV Erasable Programmable Logic Device OT PLD, 20 ns, CQCC28 High Density UV Erasable Programmable Logic Device OT PLD, 20 ns, CDIP24 High Density UV Erasable Programmable Logic Device OT PLD, 25 ns, PDIP24
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
GM194A |
N P N S I L I C O N P L AN A R M E D I UM POWE R T R A N S I S T O R
|
E-Tech Electronics LTD
|
GM194 |
N P N S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R
|
E-Tech Electronics LTD
|
MCRF250 MCRF250-I_WFQ23 MCRF250-I_P MCRF250-I_S MC |
The MCRF250 is one time contactlessly programmable passive Radio Frequency Identification (RFID) IC device with advanced anti-collision features. The device is powered by an external RF transmitter (reader) through inductive coupling. The 125 kHz microID Passive RFID Device with Anti-Collision From old datasheet system
|
MICROCHIP[Microchip Technology]
|
MCRF200I_1M14D MCRF200I1M14D MCRF200I_SN00A MCRF20 |
The MCRF200 is a low cost one time contactlessly programmable passive Radio Frequency Indentification (RFID) IC device for low frequency applications (100 kMz - 400 kMz). The device has a total of 128 bits of memory and can be configured w 125 kHz microID⑩ Passive RFID Device 125 kHz microID Passive RFID Device 125 kHz microID?/a> Passive RFID Device AC 4C 4#8 SKT PLUG ER 19C 19#16 SKT PLUG 125 kHz microIDPassive RFID Device 125千赫microID⑩无RFID器件 125 kHz microIDPassive RFID Device 125千赫microID⑩无源RFID器件 125 kHz microID?Passive RFID Device
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
EPM7256SRI208-10 EPM7064STC100-10 EPM7064SLI44-7 E |
最000可编程逻辑器件1.13公尺 MAX 7000 Programmable Logic Device(1.13 M) 最000可编程逻辑器件.13公尺 MAX 7000 Programmable Logic Device(1.13 M) 最7000可编程逻辑器件.13公尺
|
Altera, Corp.
|
GL195A |
P N P S I L I CO N P L A N A R M E D I UM POWE R T R A N S I S T O R NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
|
E-Tech Electronics LTD GTM CORPORATION
|
BCM8220 |
2.488/ 2.667 GBPS ULTRA LOW POWE SONET/SDH TRANSCEIVER
|
BOARDCOM[Broadcom Corporation.]
|
EPM7256B EPM7128B EPM7064B EPM7032B EPM7512B MAX70 |
PROGRAMMABLE LOGIC DEVICE
|
ALTERA[Altera Corporation]
|
EPM9320 EPM9560A EPM9320A EPM9400 EPM9480 EPM9560 |
Programmable Logic Device Family
|
Altera Corporation
|