PART |
Description |
Maker |
BF820 BF822 |
Low current (max. 50 mA) High voltage (max. 300 V).Collector current IC 50 mA
|
TY Semiconductor Co., Ltd
|
2PC4081Q 2PC4081R 2PC4081S 2PC4081 |
NPN General Purpose Transistor High current (max. 100 mA) Low voltage (max. 40 V)
|
TY Semicondutor TY Semiconductor Co., Ltd
|
BCX52-10 BCX52-16 BCX51 BCX51-10 BCX53-10 |
High current (max. 1 A). Low voltage (max. 80 V). Emitter-base voltage VEBO -5 V
|
TY Semiconductor Co., Ltd
|
2PA1576 2PA1576Q 2PA1576S 2PA1576R |
Low current (max. 100 mA) Low voltage (max. 40 V). Low collector capacitance (typ. 2.5 pF).
|
TY Semiconductor Co., Ltd
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
BC859W BC859BW |
Low current (max. 100 mA). Low voltage (max. 45 V). Collector-base voltage VCBO -30 PNP General Purpose Transistor
|
TY Semiconductor Co., Ltd TY Semicondutor
|
BCV72 |
Low current (max. 100 mA). Low voltage (max. 60 V). Collector-base voltage VCBO 80 V
|
TY Semiconductor Co., Ltd
|
Q60103-Y32-E Q60103-Y32-F Q60103-Y23-F Q60103-Y23- |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes PNP晶体管为自动输入 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes PNP TRANSISTORS FOR AF INPUT STAGES
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|