PART |
Description |
Maker |
FTR-F2AK005T FTR-F2AK024T FTR-H2AK024T FTR-B2NA4.5 |
4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
|
Fujitsu Component Limited.
|
ALQ324 ALQ109 ALQ106 ALQ105 ALQ118 ALQ112 ALQ124 A |
1 Form A/1 Form C 10A Small power relays
|
Panasonic Semiconductor
|
FSD20A90 |
Miniature Power Relay, 1 Form A 1 Form B, 10A 250VAC 10A 30VDC, 2 Coil Latching 20 A, 900 V, SILICON, RECTIFIER DIODE
|
Nihon Inter Electronics, Corp.
|
B40C5000-300006 B80C5000-3000 B380C5000-3000 B125C |
Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC, 1 Coil Latching 3.5 A, 160 V, SILICON, BRIDGE RECTIFIER DIODE Silicon-Bridge Rectifiers
|
Semikron International
|
AQY410EH AQY414EHAZ AQY410EHA AQY410EHAX AQY410EHA |
PhotoMOS relay, GU (general use)-E type, 1-channel (form B). AC/DC type. I/O isolastion reinforced 5,000V. Output rating: load voltage 400 V, load current 120 mA. GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E通道(表B针型 GU (General Use)-E Type 1-Channel (Form B) 4-pin Type 顾(一般使用)- E1通道(表B针型
|
Matsushita Electric Works(Nais) NASI NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp. Electronic Theatre Controls, Inc.
|
2-1393147-0 RM732060 RM732524 RM732LC4 RM302024 RM |
Power Relay RM 2/3/7 Mid–Range Plug–in/Panel Mount Relays 2/3 pole 10/16A, 2 form C (CO) or 3 form C (CO) contacts Power Relay RM 2/3/7
|
Tyco Electronics List of Unclassifed Man...
|
PM8355 |
Short Form PMC-2000791 PM8355 QuadPHY-II 4-Channel 2.125| 2.5 to 3.125 Gbit/s Transceiver with Half-rate Support Short Form Data Sheet [92 kB] 短表PMC - 2000791 PM8355 QuadPHY - 2 4通道2.125 | 2.5.125 Gbit / s的收发器采用半速率支持简表数据表[92 kB]
|
Applied Micro Circuits, Corp.
|
TQ2-L-12V TQ2-L-3V TQ2-L-4.5V TQ2-L-5V TQ2-L-6V TQ |
CONNECTOR ACCESSORY 连接器附 LOW PROFILE 2 FORM C RELAY 低收 Form C继电 LOW PROFILE 2 FORM C RELAY 低收2 Form C继电 Silver Mica Capacitor; Capacitance:220pF; Capacitance Tolerance: /- 5%; Series:CD5; Voltage Rating:50VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:No RoHS Compliant: No Silver Mica Capacitor; Capacitance:240pF; Capacitance Tolerance: /- 2%; Series:CD5; Voltage Rating:50VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:3mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
YEONHO Electronics Co., Ltd. Panasonic, Corp. Advanced Analogic Technologies, Inc. NAIS[Nais(Matsushita Electric Works)] ETC Matsushita Electric Works(Nais)
|
ASMD100 RUSBF075 RUSBF090 RUSBF110 RUSBF120 LR4-38 |
PolySwitch?/a> Resettable Device Short Form Catalog PolySwitch Resettable Device Short Form Catalog PolySwitch垄芒 Resettable Device Short Form Catalog PolySwitch?Resettable Device Short Form Catalog
|
http:// Tyco Electronics
|
V23818-M305-B57 2.125AND1.0625GBDLCSFP |
Transceivers by Form-factor MSA - SFP - Multimode 850nm VCSEL; 2.125 and 1.0625 Gbit/s FC; 1.25 GBE TRX with LC-Connector SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC⑩ Connector SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC Connector
|
Infineon Technologies AG
|
JH2A-L2-DC110V JH2A1B-DC110V JH2A1B-WL2-DC110V JH3 |
JH relay. 30 Amp power relay with space saving design. 2 form A. Coil voltage 110 V DC. 2 coil latching. JH relay. 30 Amp power relay with space saving design. 2 form A 1 form B. Coil voltage 110 V DC. Single side stable. JH relay. 30 Amp power relay with space saving design. 2 form A 1 form B. Coil voltage 110 V DC. 2 coil latching. JH relay. 30 Amp power relay with space saving design. 3 form A. Coil voltage 110 V DC. 2 coil latching. JH relay. 30 Amp power relay with space saving design. 3 form A. Coil voltage 110 V DC. Single side stable.
|
Matsushita Electric Works(Nais)
|
PVG612A PVG612AS PVG612AS-TPBF PVG612APBF |
60V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package 60V 1 Form A Photo Voltaic Relay in a 6-pin SMT Package
|
International Rectifier
|