PART |
Description |
Maker |
ADG738BRU ADG739BRU ADG738 ADG739 |
CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches 8-CHANNEL, AUDIO/VIDEO SWITCH, PDSO16 2.5 ohms, Low-Voltage, 3-Wire Serially-Controlled, Dual 4 Channel Matr CMOS, Low Voltage, Single 8 to 1 Multiplexer, Serially Controlled Matrix Switch
|
Analog Devices, Inc. AD[Analog Devices]
|
ADG715BRUZ ADG714BRU-REEL7 ADG714BRUZ-REEL ADG714B |
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
|
Analog Devices
|
5962-9306545HMA 5962-9306545HMC 5962-9306545HTA 59 |
Low-Cost, High-Speed, Single-Supply Op Amps with Rail-to-Rail Outputs Controller Miscellaneous - Datasheet Reference 200Mbps SFP Limiting Amplifier Serially Controlled, Low-Voltage, 8-Channel SPST Switch Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers 控制器杂数据表参 Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23 控制器杂数据表参 3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver 控制器杂数据表参 2.5GHz 45dB RF-Detecting Controllers 控制器杂数据表参 Triple and Quad, 2:1 Video Multiplexer-Amplifiers with Fixed and Settable Gain 控制器杂数据表参 100MHz to 2500MHz, 45dB RF Detector in a UCSP 控制器杂数据表参
|
Glenair, Inc. Electronic Theatre Controls, Inc. Littelfuse, Inc. TE Connectivity, Ltd. NXP Semiconductors N.V.
|
ADG701BRM ADG701BRT ADG702 ADG702BRM ADG702BRT ADG |
CMOS Low Voltage 2ohm SPST Switches Low Voltage SPST Switches(低压2Ω单刀单掷开 4 Ohm, Low Voltage, Wide Bandwidth Single SPST in 6-ld SOT-23, NC CMOS Low Voltage 2 ohms SPST Switch CMOS Low Voltage 2ohm SPST Switches 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Analog Devices, Inc. AD[Analog Devices]
|
ADG731BCP-REEL7 ADG731BSU ADG731BSU-REEL ADG731BSU |
16-/32-Channel, Serially Controlled 3.5 Ohm 1.8 V to 5.5 V, ±2.5 V, Analog Multiplexer 32-CHANNEL, SGL ENDED MULTIPLEXER, QCC48 16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers 16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers 16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
|
Analog Devices, Inc.
|
ADG742 ADG742BKS ADG741BKS ADG741 ADG741BKS-REEL A |
CMOS Low Voltage SPST (NC) Switch in SC-70 Package CMOS Low Voltage SPST (NO) Switch in SC-70 Package From old datasheet system CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
|
AD[Analog Devices]
|
TCN75 TC74 TC77 |
The TCN75 is a serially programmable temperature sensor that notifies the host controller when ambient temperature exceeds a user-programmed setpoint. Hysteresis is also programmable. The INT/CMPTR output is programmable as either a simple The TC74 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available as an 8-bit digita The TC77 is a serially accessible digital temperature sensor particularly suited for low cost and small form-factor applications. Temperature data is converted from the on-board thermal sensing element and made available at anytime as a 13
|
Microchip
|
NCP502SQ15T1 NCP502SQ35T1G NCP502SQ50T1 NCP502 NCP |
80 mA CMOS Low Iq Voltage Regulator in an SC70−5 1.8 V FIXED POSITIVE LDO REGULATOR, 1.7 V DROPOUT, PDSO5 80 mA CMOS Low Iq Voltage Regulator in an SC70-5 80 mA CMOS Low Iq Voltage Regulator in an SC70−5 From old datasheet system
|
ONSEMI[ON Semiconductor] http://
|
LC7536M |
Serially Controlled Electronic Volume Control that Handles High Voltages(控制串行数据高电压工作的电子音量控制) CMOS IC
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
M38C82MF-XXXFP M38C88EC-XXXFP M38C84EF-XXXFP M38C8 |
CON, RECEPTACLE F STR 16-PIN CAP 4.7UF 50V 5% TANT SMD-7238-28 BULK B-MIL-PRF-55365/4 RES 75-OHM 1% 0.125W 200PPM THK-FILM SMD-1206 TR-7-PA PTC Resettable Fuse; Operating Voltage Max:30V; Resistance:0.07ohm; Holding Current:1.85A; Tripping Current:3.7A; Initial Resistance Max:0.07ohm; Initial Resistance Min:0.04ohm; Interrupting Current Max:40A 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯8位CMOS微机 Replaced by TLV320AIC24K : Low-Power Stereo Voice Band CODEC 48-TQFP -40 to 85 单芯位CMOS微机 Low-Power Stereo CODEC with HP Amplifier 28-VQFN 0 to 70 单芯位CMOS微机 Replaced by TLV320AIC24K : Low-Power Stereo Voice Band CODEC 48-TQFP 0 to 70 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Sem... Mitsubishi Electric Semicon... Mitsubishi Electric Semiconductor Mitsubishi Electric Corporation Mitsubishi Electric, Corp. http://
|
MCP1701T-3 MCP1701 MCP1701T-33021_CB MCP1701T-3302 |
2uA Low Dropoout Positive Voltage Refulator The MCP1701 is a CMOS low dropout positive voltage regulator with a maximum input voltage of 10V that can source up to 250mA with ...
|
MICROCHIP[Microchip Technology]
|