PART |
Description |
Maker |
AD5557 AD5557CRU AD5557CRU-REEL7 AD5547BRU AD5547 |
Dual Current-Output Parallel-Input, 14-Bit DAC Dual Current-Output Parallel-Input, 16-Bit DAC Dual Current Output Parallel Input 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
|
AD[Analog Devices]
|
LTC2751 LTC2751CUHF-12TRPBF |
Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O Current Output 12-Bit SoftSpan DACs with Parallel I/O; Package: QFN; No of Pins: 38; Temperature Range: 0°C to 70°C
|
Linear Technology LINEAR TECHNOLOGY CORP
|
600S-N048 800S-N048 600S-N024 800S-N024 600S-N003 |
Input voltage 90-130 VAC;output voltage 48 VDC;output current:12 A; 600 W enclosed parallel power supply Input voltage 180-260 VAC;output voltage 48 VDC;output current:16 A; 800 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 24 VDC;output current:25 A; 600 W enclosed parallel power supply Input voltage 180-260 VAC;output voltage 24 VDC;output current:33 A; 800 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 3.3 VDC;output current:100 A; 600 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 15 VDC;output current:40 A; 600 W enclosed parallel power supply Input voltage 180-260 VAC;output voltage 15 VDC;output current:53 A; 800 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 5 VDC;output current:100 A; 600 W enclosed parallel power supply Input voltage 90-130 VAC;output voltage 12 VDC;output current:50 A; 600 W enclosed parallel power supply Input voltage 180-260 VAC;output voltage 12 VDC;output current:66 A; 800 W enclosed parallel power supply
|
FranMar International
|
TS612_02 TS612 TS612ID TS612IDT |
DUAL WIDEBAND OP-AMP WITH HIGH OUTPUT CURRENT DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
HCF4015B HCF4015BC1 HCF4015BEY HCF4015BM1 HCC_HCF4 |
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT 级静态移位寄存器与串行输并行输出 From old datasheet system INPUT/PARALLEL OUTPUT DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
FS100UM-03 |
100 A, 30 V, 0.0054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 Bench Power Supply; Output Voltage:30V; Output Current:3A; Number of Outputs:3; Calibrated:Yes; Certificate of Calibration:Yes; Output Current 2:.5A; Output Current 3:.5A; Output Voltage 2:12V; Output Voltage 3:5V HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
AD7535 AD7535AQ AD7535BQ AD7535JN AD7535JP AD7535K |
14-Bit 4-Quadrant Multiplying (Current Output) DAC with Byte-wide Parallel Interface; Package: PDIP; No of Pins: 28; Temperature Range: Commercial PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PDIP28 14-Bit 4-Quadrant Multiplying (Current Output) DAC with Byte-wide Parallel Interface; Package: CHIP CAR; No of Pins: 28; Temperature Range: Commercial PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28 LC2MOS uP-COMPATIBLE 14-BIT DAC PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28 LC2MOS uP-COMPATIBLE 14-BIT DAC PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, CDIP28
|
Analog Devices, Inc. AD[Analog Devices]
|
74F299SC 74F299SJ 74F299PC 74F299 |
Octal Universal Shift/Storage Register with Common Parallel I/O Pins F/FAST SERIES, 8-BIT BIDIRECTIONAL PARALLEL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AD7111 AD7111A AD7111ABN AD7111ABR AD7111ACN AD711 |
LC2MOS LOGDAC Logarithmic D/A Converter SOCKET, SEALED PANEL 9 WAY PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CQCC20 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO16 ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% LC2MOS LOGDAC对数D / A转换 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDIP16 LC2MOS LOGDAC Logarithmic D/A Converter PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP16 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes Monolithic Multiplying DAC Featuring Wide Dynamic Range
|
Analog Devices, Inc. AD[Analog Devices] ANALOG DEVICES INC
|
FS30UM-3 |
MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE Bench Power Supply; Output Voltage:35V; Output Current:6A; Number of Outputs:1; Calibrated:No; Display Technology:Digital; Output Current Max:6A; Output Current Min:0A; Output Voltage Max:35V; Output Voltage Min:0V
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|
CD4035BDMSR |
4000/14000/40000 SERIES, 4-BIT RIGHT PARALLEL IN PARALLEL OUT SHIFT REGISTER, CONFIGURABLE OUTPUT, CDIP16
|
HARRIS SEMICONDUCTOR
|