PART |
Description |
Maker |
6364 |
Replacement Tips For 080 Series Test Probes
|
Pomona Electronics
|
5143 |
SMD Test Tweezer To Single Stacking Banana Plugs
|
Pomona Electronics
|
72913-0 72912-0 5931-0 3265 3261 |
Banana adapter; Color:Black; Features:Panel mount IEC1010 banana jacks for sheathed plugs, solder tab, black INTERCONNECTION DEVICE Banana adapter; Color:Black; Features:Panel mount IEC1010 banana jacks for sheathed plugs, threaded stud, black INTERCONNECTION DEVICE Banana Jack; For Use With:Pomona Types 5907A, 5908A, 5909A Sheathed DMM Test Leads; Insulator Material:Nylon; Mounting Type:Panel; Panel Thickness Max:0.28" RoHS Compliant: Yes INTERCONNECTION DEVICE Connector RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
7720-1-EVM 7720-2A 7720-1A 7720-3A 7700-2A |
PFC DESIGN TIPS & TECHNIQUES
|
Bi technologies
|
AN1159 |
TIPS TO REDUCE PROGRAM AND ERASE TIMES
|
SGS Thomson Microelectronics
|
72921 72921-2 |
2mm SAFETY Sheathed Jack Sheathed Jack; Current Rating:10A; Body Material:Polyamide; Color:Red; Contact Material:Brass; Features:Mates to 2mm shrouded plugs; For Use With:Shrouded Plugs RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
2BC-PP-48 2BC-PP-60 2BC-PP-36 |
Double Banana Plug To Stacking Pin Tips Cable Assembly
|
Pomona Electronics http://
|
5343-C-36 5343-C-60 |
Retractable Sheath Banana To BNC Male Test Cable Assembly; Connector Type A:Banana Plugs (2); Connector Type B:BNC Male; Cable Length:36"; Color:Black; Features:1 Black and 1 Red Retractable Sheath Banana Plug; Leaded Process Compatible:Yes RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
NTE1V300 NTE524V48 NTE524V13 NTE524V15 NTEV480 NTE |
Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 430 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 120 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 82 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal Oxide Varistors (MOV) 金属氧化物压敏电阻(MOV)的 Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 430 V @ 1mA DC test current.
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
FSP015-RADM-NP |
Interchangeable AC plugs
|
FSP TECHNOLOGY INC.
|
561-50BM14B 561-75BG11 |
Hole Plugs
|
List of Unclassifed Man...
|