PART |
Description |
Maker |
146028 |
Pin Header Assembly
|
Framatome Connectors International
|
M22-2515005 M22-2515046 M22-2510105 M22-2510146 |
2mm PITCH SIL VERTICAL PIN HEADER ASSEMBLY
|
Harwin Plc
|
M22-2525005 M22-2525046 M22-2520205 M22-2520246 |
2.00mm PITCH DIL VERTICAL PIN HEADER ASSEMBLY
|
Harwin Plc
|
M20-9962446 M20-9962546 M20-9962046 M20-9962045 M2 |
2.54mm PITCH SIL HORIZONTAL PC TAIL PIN HEADER ASSEMBLY
|
Harwin Plc
|
M20-9992346 M20-9992205 M20-9992246 M20-9992245 M2 |
2.54MM PITCH SIL VERTICAL PC TAIL PIN HEADER ASSEMBLY 2.54MM PITCH SIL VERTICAL PC TAIL PIN HEADER ASSEMBLY
|
Harwin Plc
|
FM1233ADS3X FM1233ACS3X FM1233ABAS3X FM1233A FMFFM |
2.72V, Active Low Bi-Directional Precision Reset Generator Circuit 3.08V, Active Low Bi-Directional Precision Reset Generator Circuit 2.88V, Active Low Bi-Directional Precision Reset Generator Circuit 3-Pin C Supervisor Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 3-Pin レC Supervisor Circuit 3-Pin uC Supervisor Circuit 3-Pin μC Supervisor Circuit
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
0038005370 A-6410-15A-02 |
2.54mm (.100") Pitch KK Wire-to-Board Header, Vertical Square Pin, 15 Circuits, Circuit 2 Voided 2.54mm (.100) Pitch KK Wire-to-Board Header, Vertical Square Pin, 15 Circuits, Circuit 2 Voided
|
Molex Electronics Ltd.
|
MAX634205 MAX6343UT-T MAX6344UT-T MAX6342UT-T MAX6 |
6-Pin uP Reset Circuit with Power-Fail Comparator 6-Pin µP Reset Circuit with Power-Fail Comparator 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 6-Pin μP Reset Circuit with Power-Fail Comparator Ultra-Small, Adjustable Sequencing/Supervisory Circuits
|
Maxim Integrated Products, Inc.
|
887632710 |
0.80mm (.031) Pitch IEEE 1394 4-Pin-to-4-Pin Cable Assembly, 2.0m (6.56) Length
|
Molex Electronics Ltd.
|
887632520 |
2.00mm (.079) Pitch IEEE 1394 6-Pin-to-6-Pin Cable Assembly, 4.50m (14.76) Length
|
Molex Electronics Ltd.
|
887632600 |
0.80mm (.031) and 2.00mm (.079) Pitch IEEE 1394 4-Pin-to-6-Pin Cable Assembly, 1.0m (3.28) Length
|
Molex Electronics Ltd.
|
73782-6200 |
2.00mm (.079) Pitch 5-Row VHDM-HSD Backplane Header, Guide Pin SignalModule, Pin End Version, 40 Circuits, Pin Length 4.75mm (.187)
|
Molex Electronics Ltd.
|