PART |
Description |
Maker |
FCH22N60N |
N-Channel SupreMOSMOSFET 600V, 22A, 165m Ultra Low Gate Charge (Typ. Qg = 45 nC), Low Effective Output Capacitance (Typ. Coss.eff = 196.4 pF)
|
Fairchild Semiconductor
|
2SK3668 |
Low gate charge QG= 26 nC TYP. (VDD = 320 V, VGS = 10 V, ID = 10 A)
|
TY Semiconductor Co., Ltd
|
2SK3116 |
Low gate charge QG = 26 nC TYP. (ID = 7.5 A, VDD = 450 V, VGS = 10 V) N-Channel MOSFET
|
TY Semiconductor Co., L... TY Semicondutor
|
STS12NH3LL |
N-CHANNEL 30V - 0.008 Ohm - 12A SO-8 ULTRA LOW GATE CHARGE STripFET MOSFET N-CHANNEL 30 V - 0.008 ?- 12 A SO-8 ULTRA LOW GATE CHARGE STripFET MOSFET N-CHANNEL PowerMESH MOSFET N-CHANNEL 30 V - 0.008 з - 12 A SO-8 ULTRA LOW GATE CHARGE STripFET⑩ MOSFET N-CHANNEL 30 V - 0.008 з - 12 A SO-8 ULTRA LOW GATE CHARGE STripFETMOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STL30NF3LL |
N-CHANNEL 30V 0.006 OHM 30A POWERFLAT LOW GATE CHARGE STRIPFET II MOSFET N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT⑩ LOW GATE CHARGE STripFET⑩ MOSFET N-CHANNEL 30V 0.0055 OHM 28A POWERFLAT LOW GATE CHARGE STRIPFET II MOSFET N-CHANNEL 30V - 0.008ohm - 30A PowerFLAT LOW GATE CHARGE STripFET MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STL28NF3LL |
N-CHANNEL 30V - 0.0055ohm - 28A PowerFLATLOW GATE CHARGE STripFETMOSFET N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT LOW GATE CHARGE STripFET MOSFET N-CHANNEL 30V - 0.0055ohm - 28A PowerFLAT⑩ LOW GATE CHARGE STripFET⑩ MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STL35NF3LL |
N-CHANNEL 30V 0.0055 OHM 35A POWERFLAT LOW GATE CHARGE STRIPFET MOSFET N-CHANNEL 30V - 0.0055ohm - 35A PowerFLAT LOW GATE CHARGE STripFET MOSFET N-CHANNEL 30V - 0.0055ohm - 35A PowerFLAT⑩ LOW GATE CHARGE STripFET⑩ MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
IXFH52N30Q IXFK52N30Q IXFT52N30Q |
N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low t Low Gate Charge and Capacitances From old datasheet system N-Channel Enhancement Mode Avalanche Rated, High dv/dt, Low t Low Gate Charge and Capacitances 52 A, 300 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268
|
IXYS[IXYS Corporation] IXYS, Corp.
|
STL75NH3LL |
N-channel 30 V, 0.004 Ω, 20 A, PowerFLAT (6x5) ultra low gate charge STripFET Power MOSFET N-channel 30 V, 0.004 ヘ, 20 A, PowerFLAT⑩ (6x5) ultra low gate charge STripFET⑩ Power MOSFET
|
STMicroelectronics
|
STS9NF3LL 8315 |
N-CHANNEL 30V - 0.016 ohm - 9A SO-8 LOW GATE CHARGE STripFET⑩ II POWER MOSFET From old datasheet system N-CHANNEL 30V - 0.016 OHM - 9A SO-8 LOW GATE CHARGE STRIPFET II POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|