PART |
Description |
Maker |
ISL6527CB ISL6527CB-T ISL6527CBZ ISL6527CBZ-T ISL6 |
Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85 SWITCHING CONTROLLER, 645 kHz SWITCHING FREQ-MAX, PQCC16 Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 SWITCHING CONTROLLER, 645 kHz SWITCHING FREQ-MAX, PDSO14 Adjustable Precision Shunt Regulator 3-SOT-89 0 to 70 SWITCHING CONTROLLER, 645 kHz SWITCHING FREQ-MAX, PDSO14 Marine Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Spot Beam Pattern, 24 Vdc/60 W/2.5 A, Flush mounting Replacement Sealed Beams, 3.5 in x 5 in [76,2 mm x 127,0 mm], Trapezoid Beam Pattern, 12 Vdc/50 W/4 A Marine Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Spot Beam Pattern, 24 Vdc/60 W/2.5 A, Stud mounting Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
BA3822FS BA3822LS BA3823LS BA3824LS A5801033 |
From old datasheet system 5-channel stereo graphic equalizer Audio LSIs > Graphic equalizer > IC for graphic equalizer
|
ROHM[Rohm]
|
PDS-500/-1 |
Graphic Plasma, Display Controller
|
Vishay
|
HD63485 HD63485CP32 HD63485CP48 HD63485CP64 HD6348 |
GRAPHIC MEMORY INTERFACE CONTROLLER (GMIC)
|
Hitachi Semiconductor
|
RA8803 RA8822 |
Two Layers Text/Graphic LCD Controller Specification
|
RAIO Technology Inc.
|
HD66725A03TA0L |
Graphic LCD controller/driver with key scan function
|
Hitachi Semiconductor
|
LR38820 |
QVGA TFT-LCD controller with graphic display functions
|
Sharp Electrionic Components
|
EAW160-7KHLWTP EAW160-7KHC EAWF100-20S EAG-3KRAG E |
LCD-GRAPHIC MODULE 160x128 WITH CONTROLLER T6963 LCD-GRAPHIC MODULE 160x128 WITH CONTROLLER T6963
|
List of Unclassifed Manufac... List of Unclassifed Man...
|
HDC006-DIE HDC064-DIE HDC016-DIE HDC003-DIE HDC008 |
Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood Beam Pattern, 24 Vdc/60 W/2.5 A Replacement Sealed Beams, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood Beam Pattern, 24 Vdc/60 W/2.5 A Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Trapezoid Beam Pattern, 12 Vdc/50 W/4 A Replacement Sealed Beams, 4 in x 6 in [101,6 mm x 152,4 mm], Trapezoid Beam Pattern, 12 Vdc/50 W/4 A Replacement Sealed Beams, 3.5 in x 5 in [76,2 mm x 127,0 mm], Wide Flood Beam Pattern, 12 Vdc/50 W/4 A Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Trapezoid Beam Pattern, 24 Vdc/60 W/2.5 A Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Spot Beam Pattern, 24 Vdc/60 W/2.5 A 专用集成电路 Halogen Swivel Mount Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood Beam Pattern, 12 Vdc/50 W/4 A 专用集成电路
|
Electronic Theatre Controls, Inc.
|
DG24128-01 |
GRAPHIC LCD MODULE display format: 240x128; module size: 170.0x103.2x14.0; viewing size: 129.0x75.0; dot size: 0.47x0.47; controller: T6963C; GRAPHIC LCD MODULE display format: 240x128 module size: 170.0x103.2x14.0 viewing size: 129.0x75.0 dot size: 0.47x0.47 controller: T6963C
|
Data International CO.LTD. DATV
|
|