PART |
Description |
Maker |
R124464000 R124426123 R124553120 R124553123 |
PANEL MOUNT, FEMALE, SMA CONNECTOR, RECEPTACLE JACK, SMA, PCB, STRAIGHT; Connector type:SMA, Coaxial; Impedance:50R; Material, contact:Brass; Plating, contact:Gold over Nickel; Body style:Straight Jack; Termination method:Solder; Mounting type:PC Board; Insulation RoHS Compliant: Yes PANEL MOUNT, BOARD TERMINATED, FEMALE, SMA CONNECTOR, SOLDER, RECEPTACLE
|
RADIALL S A
|
32K902-600D3 32K222-200S3 32K101-KH0D3 |
PANEL MOUNT, STRIPLINE TERMINATED, FEMALE, SMA CONNECTOR, SOLDER, JACK PANEL MOUNT, FEMALE, SMA CONNECTOR, SOLDER, JACK PANEL MOUNT, FEMALE-FEMALE, RF STRAIGHT ADAPTER, JACK
|
ROSENBERGER HOCHFREQUENZTECHNIK GMBH & CO KG
|
PE4219 |
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .235 inch D Hole, Front Mount
|
Pasternack Enterprises, Inc.
|
KJ-SMA6251A1-008-3GT50G-50 |
BOARD TERMINATED, FEMALE, SMA CONNECTOR, SOLDER, JACK
|
AMPHENOL CORP
|
J103-1 |
CABLE TERMINATED, FEMALE, SMA CONNECTOR, SOLDER, JACK
|
BERG ELECTRONICS
|
PE4000 |
SMA Female Connector Solder Attachment 4 Hole Panel Solder Cup Terminal, .340 inch Hole Spacing
|
Pasternack Enterprises, Inc.
|
PE4911 |
SMA Female Right Angle Connector Solder Attachment Hole Panel Solder Cup Terminal, .340 inch Hole Spacing
|
Pasternack Enterprises,...
|
PE4535 |
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
|
Pasternack Enterprises, Inc.
|
51067-1000 51067-1500 51067-0300 51067-1100 |
10CKT 3.5MM W TO B HOUS 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5 W TO B CONN HOUSING 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:3; Series:51067; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.138" RoHS Compliant: Yes 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5MM WTB HSG 11CKT 510671100 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
|