PART |
Description |
Maker |
XC6202P332 XC6202P332MR XC6202P502MR XC6202P182 XC |
(High Voltage) Positive Voltage Regulators Ic-smd 5.0v 100ma Reg Ic-smd 3.3v 100ma Reg
|
Torex Semiconductor
|
L4931ABPT80 L4931CPT80 L4931ABZ50 L4931CPT50 L4931 |
From old datasheet system VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT VERY LOW DROP VOLTAGE REGULATOR WITH INHIBIT
|
ST Microelectronics SGS Thomson Microelectronics STMicroelectronics
|
KIA78R30F KIA78R33F KIA78R35F KIA78R37F KIA78R25F |
BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR) 1A 5-Terminal Low Drop(ON/OFF Controllable)
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
LD2982AM50R LD2982AM40R LD2982BXX50 LD2982BXX47 LD |
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATO WITH INHIBIT FUNCTION VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION / LOW ESR CAP. COMPATIBLE VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE 极低DROP和低的禁止功能,低ESR第噪声稳压器。兼
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
MC78L05ABD MC78L05ABDG MC78L05ABPG MC78L05AC MC78L |
100mA, 5V, Positive Voltage Regulator 100mA, 15V, Positive Voltage Regulator 100mA, 12V, Positive Voltage Regulator 100mA, 8V, Positive Voltage Regulator 100mA, 24V, Positive Voltage Regulator 100mA, 9V, Positive Voltage Regulator 4.5V to 18V Input, Low Pin Count Synchronous Buck Controller with Power Good 10-SON -40 to 85 15 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PDSO8 DIODE RECT 200V 200MA S-MINI 2P FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 18 V FIXED POSITIVE REGULATOR, PBCY3 High Efficiency, Mid-Range Input, Synchronous Buck Controller with Voltage Feed Forward 16-HTSSOP -40 to 85 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:6; Connector Shell Size:36; Connecting Termination:Solder; Body Style:Right Angle; Circular Contact Gender:Socket; Gender:Male Three-Terminal Low Current Positive Voltage Regulators
|
ONSEMI[ON Semiconductor] http://
|
RK117 RK1171114V02 RK117111000A RK117111000N RK117 |
VOLTAGE REG POS 18V 100MA TO-92 11毫米大小金属轴低姿态电 VOLT REG POS 12V 100MA SMD TO243 11毫米大小金属轴低姿态电 VOLT REG POS 18V 100MA SMD TO243 11毫米大小金属轴低姿态电 VOLTAGE REG POS 6V 100MA TO-92 11毫米大小金属轴低姿态电 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Quick Connect; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA 11毫米大小金属轴低姿态电 Safety Relay; Contacts:NC; Coil Voltage DC Max:24V; Contact Carry Current:4A; Relay Mounting:DIN Rail; Contact Rating:250 VAC/VDC, 4 AAC/ADC 11毫米大小金属轴低姿态电 11mm Size Metal Shaft Low-profile Potentiometer 11毫米大小金属轴低姿态电 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:NPN; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular 11毫米大小金属轴低姿态电 ; Sensor Input Type:Fiber Optic; Sensing Range Max:3m; Sensor Output:NPN; Leaded Process Compatible:No; Mounting Type:DIN Rail; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular VOLT REG POS 10V 100MA SMD TO243 VOLT REG POS 15V 100MA SMD TO243 Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA Safety Relay; Contacts:NC; Coil Voltage DC Max:24V; Contact Carry Current:6A; Relay Mounting:DIN Rail; Contact Rating:250 VAC/VDC, 6A Safety Control Relay; Contacts:2NC; Coil Voltage DC Max:24V; Contact Carry Current:6A; Relay Mounting:DIN Rail; Contact Rating:250 VAC/VDC, 6A FIBER IA.753SMTA VOLT REG POS 8V 100MA SMD TO-243 Safety Relay; Contacts:NC/NO; Coil Voltage DC Max:24V; Contact Carry Current:6A; Relay Mounting:DIN Rail; Contact Rating:250 VAC/VDC, 6A Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Sensor Housing:Rectangular VOLT REG POS 6V 100MA SMD TO-243
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] ALPS Electric co.,Ltd
|
20KDA10 |
Miniature Size, Low Forward Voltage drop Low Forward Voltage drop Diode Miniature Size / Low Forward Voltage drop
|
NIEC[Nihon Inter Electronics Corporation]
|
LP2950ACN-3-3/TR LP2950ACN-L-3-3/TR LP2950CN-3-3/T |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 100mA Low Dropout Voltage Regulators 100mA Low Dropout Voltage Regulators
|
http:// Sipex Corporation
|
RE027 |
RE027 [Updated 2/03. 9 Pages] RE027 is a low drop out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage. rated for loads up to 130 A Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.8V output voltage, rated for loads of up to 130 mA. A typical application is radio section supply in mobile terminals.
|
Atmel
|
LD1580XX33 LD1580XX30 LD1580XX25 LD1580XX18 LD1580 |
7A VERY LOW DROP VOLTAGE REGULATOR ADJUSTABLE AND FIXED 7A VERY LOW DROP VOLTAGE REGULATOR ADJUSTABLE AND FIXED 7 A VERY LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
TMK316BJ105KL GRM40X7R10 LMK316BJ475ML EMK316BJ105 |
Low Drop Output Voltage Regulator Low Drop Output Voltage Regulator 低压差稳压器输出电压 Fuses, 80mA 250V T IEC GLASS LEAD 低压差稳压器输出电压
|
Impala Linear Corporation AUK[AUK corp] AUK, Corp.
|
BYT230PIV800 BYT231PI800 |
1.5A Very low drop for low output voltage regulator 与独立二极管组成的阵列|的SOT - 227B 3A Very low drop for low output voltage regulator 与独立二极管组成的阵列|的SOT - 227A
|
STMicroelectronics N.V. Superior Electric
|